công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2181C bảng dữ liệu(PDF) 7 Page - THAT Corporation All rights reserved.

tên linh kiện 2181C
Giải thích chi tiết về linh kiện  Blackmer® Trimmable IC Voltage Controlled Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  THAT [THAT Corporation All rights reserved.]
Trang chủ  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

2181C bảng dữ liệu(HTML) 7 Page - THAT Corporation All rights reserved.

Back Button 2181C Datasheet HTML 3Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 4Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 5Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 6Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 7Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 8Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 9Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 10Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 11Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Input
As mentioned above, input and output signals are
currents, not voltages. While this often causes some
conceptual difficulty for designers first exposed to
this convention, the current input/output mode
provides great flexibility in application.
The Input pin (pin 1) is a virtual ground with
negative feedback provided internally (see Figure 5,
Page 4). The input resistor (shown as 20 kΩ in
Figure 2, Page 3) should be scaled to convert the
available ac input voltage to a current within the
linear range of the device. Generally, peak input
currents should be kept under 1 mA for best distor-
tion performance.
Refer to Figures 10 through 12 to see how distor-
tion varies with signal level for the three parts in the
2181 Series for 0 dB, +15 dB and -15 dB gain. The
circuit of Figure 2, Page 3 was used to generate these
curves.
For a specific application, the acceptable distor-
tion will usually determine the maximum signal
current level which may be used. Note that, with
20 kΩ current-to-voltage converting resistors, distor-
tion remains low even at 10 V rms input at 0 dB or
-15 dB gain, and at 1.7 V rms input at +15 dB gain
(~10 V rms output). This is especially true in the –A
and –B grades of the part.
Distortion vs. Noise
A designer may trade off noise for distortion by
decreasing the 20 kΩ current-to-voltage converting
resistors used at the input and output in Figure 2,
Page 3. For every dB these resistor values are
decreased, the voltage noise at the output of the
OP275 is reduced by one dB. For example, with
10 kΩ resistors, the output noise floor drops to
–104 dBV (typical) at 0 dB gain — a 6 dB reduction
in noise because 10 kΩ is 1/2 of (6 dB lower than)
20 kΩ.
Conversely, if THD is more important than noise
performance, increasing these resistors to 40 kΩ will
increase the noise level by 6 dB, while reducing
distortion at maximum voltage levels. Furthermore,
if maximum signal levels are higher (or lower) than
the traditional 10 V rms, these resistors should be
scaled to accommodate the actual voltages prevalent
in the circuit. Since the 2181 handles signals as
currents, these ICs can even operate with signal
levels far exceeding the 2181's supply rails, provided
appropriately large resistors are used.
High-Frequency Distortion
The choice of input resistor has an additional,
subtle effect on distortion. Since the feedback imped-
ances around the internal opamp (essentially Q1/D1
and Q3/D3) are fixed, low values for the input resis-
tor will require more closed-loop gain from the
opamp. Since the open-loop gain naturally falls off at
high frequencies, asking for too much gain will lead
to increased high-frequency distortion. For best
results, this resistor should be kept to 10 kΩ or
above.
Stability
An additional consideration is stability: the inter-
nal op amp is intended for operation with source
impedances of less than 60 kΩ at high frequencies.
For most audio applications, this will present no
problem.
DC Coupling
The quiescent dc voltage level at the input (the
input offset voltage) is approximately 0 V, but, as in
many general-purpose opamps, this is not well
controlled. Any dc input currents will cause dc in the
output which will be modulated by gain; this may
cause audible thumps. If the input is dc coupled, dc
input currents may be generated due to the input
offset voltage of the 2181 itself, or due to offsets in
stages preceeding the 2181. Therefore, capacitive
coupling is almost mandatory for quality audio appli-
cations. Choose a capacitor which will give accept-
able low frequency performance for the application.
Summing Multiple Input Signals
Multiple signals may be summed via multiple
resistors, just as with an inverting opamp configura-
tion. In such a case, a single coupling capacitor may
be located next to pin 1 rather than multiple capaci-
tors at the driven ends of the summing resistors.
However, take care that the capacitor does not pick
up stray signals.
Output
The Output pin (pin 8) is intended to be
connected to a virtual ground node, so that current
flowing in it may be converted to a voltage (see
Figures 2 & 15). Choose the external opamp for good
audio performance. The feedback resistor should be
chosen
based
on
the desired
current-to-voltage
conversion constant. Since the input resistor deter-
mines the voltage-to-current conversion at the input,
THAT 2181 Series
Page 7 of 12
Document 600030 Rev 03
Blackmer® Trimmable IC VCAs
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2016, THAT Corporation
Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com