công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC2871 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện LTC2871
Giải thích chi tiết về linh kiện  RS232/RS485 Multiprotocol Transceivers with Integrated Termination
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

LTC2871 bảng dữ liệu(HTML) 3 Page - Analog Devices

  LTC2871 Datasheet HTML 1Page - Analog Devices LTC2871 Datasheet HTML 2Page - Analog Devices LTC2871 Datasheet HTML 3Page - Analog Devices LTC2871 Datasheet HTML 4Page - Analog Devices LTC2871 Datasheet HTML 5Page - Analog Devices LTC2871 Datasheet HTML 6Page - Analog Devices LTC2871 Datasheet HTML 7Page - Analog Devices LTC2871 Datasheet HTML 8Page - Analog Devices LTC2871 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
LTC2870/LTC2871
3
28701fb
For more information www.linear.com/LTC2870
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2870CFE#PBF
LTC2870IFE#PBF
LTC2870CFE#TRPBF
LTC2870IFE#TRPBF
LTC 2870FE
LTC 2870FE
28-Lead Plastic TSSOP
28-Lead Plastic TSSOP
0°C to 70°C
–40°C to 85°C
LTC2870CUFD#PBF
LTC2870IUFD#PBF
LTC2870HUFD#PBF
LTC2870CUFD#TRPBF
LTC2870IUFD#TRPBF
LTC2870HUFD#TRPBF
2870
2870
2870
28-Lead (4mm × 5mm) Plastic QFN
28-Lead (4mm × 5mm) Plastic QFN
28-Lead (4mm × 5mm) Plastic QFN
0°C to 70°C
–40°C to 85°C
–40°C to 125°C
LTC2871CFE#PBF
LTC2871IFE#PBF
LTC2871CFE#TRPBF
LTC2871IFE#TRPBF
LTC2871FE
LTC2871FE
38-Lead Plastic TSSOP
38-Lead Plastic TSSOP
0°C to 70°C
–40°C to 85°C
LTC2871CUHF#PBF
LTC2871IUHF#PBF
LTC2871CUHF#TRPBF
LTC2871IUHF#TRPBF
2871
2871
38-Lead (5mm × 7mm) Plastic QFN
38-Lead (5mm × 7mm) Plastic QFN
0°C to 70°C
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
LTC2871
LTC2871
13 14 15 16
TOP VIEW
39
VEE
UHF PACKAGE
38-LEAD (5mm
× 7mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
VEE
ROUT1
ROUT2
CH2
RX485
DX485
DI
DIN1
DIN2
DX232
RX232
VEE
RIN1
RIN2
A
B
VCC
Y
GND
Z
DOUT1
DOUT2
VCC
VDD
23
22
21
20
9
10
11
12
TJMAX = 150°C, θJA = 34°C/W
EXPOSED PAD (PIN 39) IS VEE,
MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
TOP VIEW
FE PACKAGE
38-LEAD PLASTIC SSOP
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
VL
LB
H/F
TE485
VEE
ROUT1
ROUT2
CH2
RX485
DX485
DI
DIN1
DIN2
DX232
RX232
VEE
FEN
GND
CAP
RO
VCC
GND
RIN1
RIN2
A
B
VCC
Y
GND
Z
DOUT1
DOUT2
VCC
VDD
VEE
SW
GND
VEE
39
VEE
TJMAX = 150°C, θJA = 28°C/W
EXPOSED PAD (PIN 39) IS VEE,
MUST BE SOLDERED TO PCB
pin conFiguraTions
PART NUMBER
CONFIGURABLE TRANSCEIVER COMBINATIONS (RS485 + RS232)
PACKAGES
TEMPERATURE GRADES
LTC2870
(0 + 0), (1 + 0), (0 + 2)
28-Lead QFN, 28-Lead TSSOP
C, I, H (QFN)
LTC2871
(0 + 0), (1 + 0), (1 + 1), (1 + 2), (0 + 1), (0 + 2)
38-Lead QFN, 38-Lead TSSOP
C, I
proDucT selecTion guiDe
http://www.linear.com/product/LTC2870#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com