công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC2871 bảng dữ liệu(PDF) 42 Page - Analog Devices

tên linh kiện LTC2871
Giải thích chi tiết về linh kiện  RS232/RS485 Multiprotocol Transceivers with Integrated Termination
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

LTC2871 bảng dữ liệu(HTML) 42 Page - Analog Devices

Back Button LTC2871 Datasheet HTML 34Page - Analog Devices LTC2871 Datasheet HTML 35Page - Analog Devices LTC2871 Datasheet HTML 36Page - Analog Devices LTC2871 Datasheet HTML 37Page - Analog Devices LTC2871 Datasheet HTML 38Page - Analog Devices LTC2871 Datasheet HTML 39Page - Analog Devices LTC2871 Datasheet HTML 40Page - Analog Devices LTC2871 Datasheet HTML 41Page - Analog Devices LTC2871 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
LTC2870/LTC2871
42
28701fb
For more information www.linear.com/LTC2870
LINEAR TECHNOLOGY CORPORATION 2010
LT 0817 REV B • PRINTED IN USA
www.linear.com/LTC2870
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LTC2873
RS232/RS485 Single-Bus Multiprotocol Transceiver
with Integrated Termination
One RS232 Transceiver and One RS485 Transceiver on the Same Bus Pins. 3V
to 5.5V Supply with 1.7V to 5.5V Logic Interface
LTC2872
RS232/RS485 Dual Multiprotocol Transceiver with
Integrated Termination
Four RS232 Transceivers and Two RS485 Transceivers. 3V to 5.5V Supply with
1.7V to 5.5V Logic Interface, Automatic Selection of Termination Resistors,
Duplex Control, Logic Supply Pin
LTC1334
Single 5V RS232/RS485 Multiprotocol Transceiver
Dual Port, Single 5V Supply, Configurable, 10kV ESD
LTC1387
Single 5V RS232/RS485 Multiprotocol Transceiver
Single Port, Configurable
LTC2801/LTC2802/
LTC2803/LTC2804
1.8V to 5.5V RS232 Single and Dual Transceivers
Up to 1Mbps, 10kV ESD, Logic Supply Pin, Tiny DFN Packages
LTC2854/LTC2855 3.3V 20Mbps RS485 Transceiver with Integrated
Switchable Termination
3.3V Supply, Integrated, Switchable, 120Ω Termination Resistor, 25kV ESD
LTC2859/LTC2861 20Mbps RS485 Transceiver with Integrated
Switchable Termination
5V Supply, Integrated, Switchable, 120Ω Termination Resistor, 15kV ESD
LTM2881
Complete Isolated RS485/RS422 µModule
Transceiver + Power
20Mbps, 2500VRMS Isolation with Integrated DC/DC Converter, Integrated,
Switchable, 120Ω Termination Resistor, 15kV ESD
LTM2885
6500VRMS Isolated RS485/RS232 µModule
Transceiver + Power
20Mbps, 6500VRMS Isolation with Integrated DC/DC Converter, Integrated
Switchable 120Ω Termination Resistor, ±15kV ESD, 5V Supply
LTM2882
Dual Isolated RS232 µModule Transceiver + Power
1Mbps, 2500VRMS Isolation with Integrated DC/DC Converter, ±10kV ESD
Quad RS232 Transceiver with RS485 Communication Over Half-Duplex, Terminated Bus
28701 TA02
3V TO 5.5V
3.3V
VL
VCC
SW
22µH
470nF
CAP
TE485
LTC2871
LTC2854
LTC2804
GND
VCC
TE
DI
RO
VCC
VL
CAP
RO
DIN1
ROUT1
B
A
DIN2
ROUT2
DOUT1
RIN1
DOUT2
RIN2
DI
120
Z
Y
B
A
120
120
2.2µF
2.2µF
2.2µF
0.1µF
GND
VDD
VEE
T1IN
ROUT1
T2IN
ROUT2
T1OUT1
SW
RIN1
T2OUT
RIN2
GND
VDD
VEE
LOGIC INPUT PINS NOT SHOWN ARE
TIED TO A VALID LOGIC STATE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com