công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC2871 bảng dữ liệu(PDF) 39 Page - Analog Devices

tên linh kiện LTC2871
Giải thích chi tiết về linh kiện  RS232/RS485 Multiprotocol Transceivers with Integrated Termination
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

LTC2871 bảng dữ liệu(HTML) 39 Page - Analog Devices

Back Button LTC2871 Datasheet HTML 34Page - Analog Devices LTC2871 Datasheet HTML 35Page - Analog Devices LTC2871 Datasheet HTML 36Page - Analog Devices LTC2871 Datasheet HTML 37Page - Analog Devices LTC2871 Datasheet HTML 38Page - Analog Devices LTC2871 Datasheet HTML 39Page - Analog Devices LTC2871 Datasheet HTML 40Page - Analog Devices LTC2871 Datasheet HTML 41Page - Analog Devices LTC2871 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
LTC2870/LTC2871
39
28701fb
For more information www.linear.com/LTC2870
package DescripTion
UFD Package
28-Lead Plastic QFN (4mm × 5mm)
(Reference LTC DWG # 05-08-1712 Rev C)
Please refer to http://www.linear.com/product/LTC2870#packaging for the most recent package drawings.
4.00
±0.10
(2 SIDES)
2.50 REF
5.00
±0.10
(2 SIDES)
NOTE:
1. DRAWING PROPOSED TO BE MADE A JEDEC PACKAGE OUTLINE MO-220 VARIATION (WGHD-3).
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40
±0.10
27
28
1
2
BOTTOM VIEW—EXPOSED PAD
3.50 REF
0.75
±0.05
R = 0.115
TYP
R = 0.05
TYP
PIN 1 NOTCH
R = 0.20 OR 0.35
× 45° CHAMFER
0.25
±0.05
0.50 BSC
0.200 REF
0.00 – 0.05
(UFD28) QFN 0816 REV C
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70
±0.05
0.25
±0.05
0.50 BSC
2.50 REF
3.50 REF
4.10
±0.05
5.50
±0.05
2.65
±0.05
3.10
±0.05
4.50
±0.05
PACKAGE OUTLINE
2.65
±0.10
3.65
±0.10
3.65
±0.05
UFD Package
28-Lead Plastic QFN (4mm
× 5mm)
(Reference LTC DWG # 05-08-1712 Rev C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com