công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF52811-QCAA-R bảng dữ liệu(PDF) 369 Page - Nordic Semiconductor

tên linh kiện NRF52811-QCAA-R
Giải thích chi tiết về linh kiện  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R bảng dữ liệu(HTML) 369 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 365Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 366Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 367Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 368Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 369Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 370Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 371Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 372Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 373Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 444 page
background image
Peripherals
It is here assumed that the receiver does not know in advance what the master wants to read, and
that this information is provided in the first two bytes received in the write part of the repeated start
sequence. To guarantee that the CPU is able to process the received data before the TWI slave starts to
reply to the read command, the SUSPEND task is triggered via a shortcut from the READ event generated
when the read command is received. When the CPU has processed the incoming data and prepared the
correct data response, the CPU will resume the transaction by triggering the RESUME task.
ADDR
0
3
3
ADDR
0
1
1
2
2
1
Figure 142: A repeated start sequence, where the TWI master
writes two bytes followed by reading four bytes from the slave
6.26.5 Terminating an ongoing TWI transaction
In some situations, e.g. if the external TWI master is not responding correctly, it may be required to
terminate an ongoing transaction.
This can be achieved by triggering the STOP task. In this situation a STOPPED event will be generated when
the TWI has stopped independent of whether or not a STOP condition has been generated on the TWI bus.
The TWI slave will release the bus when it has stopped and go back to its IDLE state.
6.26.6 Low power
When putting the system in low power and the peripheral is not needed, lowest possible power
consumption is achieved by stopping, and then disabling the peripheral.
The STOP task may not be always needed (the peripheral might already be stopped), but if it is sent,
software shall wait until the STOPPED event was received as a response before disabling the peripheral
through the ENABLE register.
6.26.7 Slave mode pin configuration
The SCL and SDA signals associated with the TWI slave are mapped to physical pins according to the
configuration specified in the PSEL.SCL and PSEL.SDA registers respectively.
The PSEL.SCL and PSEL.SDA registers and their configurations are only used as long as the TWI slave is
enabled, and retained only as long as the device is in ON mode. When the peripheral is disabled, the pins
will behave as regular GPIOs, and use the configuration in their respective OUT bit field and PIN_CNF[n]
register. PSEL.SCL and PSEL.SDA must only be configured when the TWI slave is disabled.
To secure correct signal levels on the pins used by the TWI slave when the system is in OFF mode, and
when the TWI slave is disabled, these pins must be configured in the GPIO peripheral as described in GPIO
configuration before enabling peripheral on page 370.
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behavior.
4454_140 v1.0
369



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com