công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF52811-QCAA-R bảng dữ liệu(PDF) 75 Page - Nordic Semiconductor

tên linh kiện NRF52811-QCAA-R
Giải thích chi tiết về linh kiện  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R bảng dữ liệu(HTML) 75 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 71Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 72Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 73Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 74Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 75Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 76Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 77Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 78Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 79Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 444 page
background image
Peripherals
6.1.2 Peripherals with shared ID
In general (with the exception of ID 0), peripherals sharing an ID and base address may not be used
simultaneously. The user can only enable one peripheral at the time on this specific ID.
When switching between two peripherals sharing an ID, the user should do the following to prevent
unwanted behavior:
• Disable the previously used peripheral.
• Remove any programmable peripheral interconnect (PPI) connections set up for the peripheral that is
being disabled.
• Clear all bits in the INTEN register, i.e. INTENCLR = 0xFFFFFFFF.
• Explicitly configure the peripheral that you are about to enable and do not rely on configuration values
that may be inherited from the peripheral that was disabled.
• Enable the now configured peripheral.
See which peripherals are sharing ID in Instantiation on page 18.
6.1.3 Peripheral registers
Most peripherals feature an ENABLE register. Unless otherwise specified in the relevant chapter, the
peripheral registers (in particular the PSEL registers) must be configured before enabling the peripheral.
Note that the peripheral must be enabled before tasks and events can be used.
6.1.4 Bit set and clear
Registers with multiple single-bit bit fields may implement the set-and-clear pattern. This pattern enables
firmware to set and clear individual bits in a register without having to perform a read-modify-write
operation on the main register.
This pattern is implemented using three consecutive addresses in the register map, where the main
register is followed by dedicated SET and CLR registers (in that exact order).
The SET register is used to set individual bits in the main register while the CLR register is used to clear
individual bits in the main register. Writing
1 to a bit in SET or CLR register will set or clear the same bit in
the main register respectively. Writing
0 to a bit in SET or CLR register has no effect. Reading the SET or
CLR register returns the value of the main register.
Note: The main register may not be visible and hence not directly accessible in all cases.
6.1.5 Tasks
Tasks are used to trigger actions in a peripheral, for example to start a particular behavior. A peripheral can
implement multiple tasks with each task having a separate register in that peripheral's task register group.
A task is triggered when firmware writes
1 to the task register, or when the peripheral itself or another
peripheral toggles the corresponding task signal. See Tasks, events, shortcuts, and interrupts on page
74.
6.1.6 Events
Events are used to notify peripherals and the CPU about events that have happened, for example a state
change in a peripheral. A peripheral may generate multiple events with each event having a separate
register in that peripheral’s event register group.
An event is generated when the peripheral itself toggles the corresponding event signal, and the event
register is updated to reflect that the event has been generated. See Tasks, events, shortcuts, and
interrupts on page 74. An event register is only cleared when firmware writes
0 to it.
4454_140 v1.0
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com