| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52811-QCAA-R bảng dữ liệu(PDF) 92 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R bảng dữ liệu(HTML) 92 Page - Nordic Semiconductor |
|
92 / 444 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_RATEOVERRIDE Override DATARATE setting in MODE register with the contents of the RATEOVERRIDE register for any ongoing encryption/decryption Trigger 1 Trigger task 6.4.9.5 EVENTS_ENDKSGEN Address offset: 0x100 Key-stream generation complete Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_ENDKSGEN Key-stream generation complete NotGenerated 0 Event not generated Generated 1 Event generated 6.4.9.6 EVENTS_ENDCRYPT Address offset: 0x104 Encrypt/decrypt complete Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_ENDCRYPT Encrypt/decrypt complete NotGenerated 0 Event not generated Generated 1 Event generated 6.4.9.7 EVENTS_ERROR ( Deprecated ) Address offset: 0x108 CCM error event Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_ERROR CCM error event Deprecated NotGenerated 0 Event not generated Generated 1 Event generated 6.4.9.8 SHORTS Address offset: 0x200 Shortcuts between local events and tasks 4454_140 v1.0 92 |