công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF52811-QCAA-R bảng dữ liệu(PDF) 365 Page - Nordic Semiconductor

tên linh kiện NRF52811-QCAA-R
Giải thích chi tiết về linh kiện  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R bảng dữ liệu(HTML) 365 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 361Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 362Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 363Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 364Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 365Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 366Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 367Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 368Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 369Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 444 page
background image
Peripherals
/ STOPPED
Unprepare TX,
Unprepare RX
TX
entry / Unprepare TX
entry / TXSTARTED
IDLE
PREPARETX
RX
entry / Unprepare RX
entry / RXSTARTED
[ READ && (TX prepared) ]
[ WRITE && (RX prepared) ]
STOP
Stop sequence
PREPARERX
Restart sequence
ENABLE
Figure 139: TWI slave state machine
Symbol
Type
Description
ENABLE
Register
The TWI slave has been enabled via the ENABLE register
PREPARETX
Task
The TASKS_PREPARETX task has been triggered
STOP
Task
The TASKS_STOP task has been triggered
PREPARERX
Task
The TASKS_PREPARERX task has been triggered
STOPPED
Event
The EVENTS_STOPPED event was generated
RXSTARTED
Event
The EVENTS_RXSTARTED event was generated
TXSTARTED
Event
The EVENTS_TXSTARTED event was generated
TX prepared
Internal
Internal flag indicating that a TASKS_PREPARETX task has been triggered. This flag is not visible to the
user.
RX prepared
Internal
Internal flag indicating that a TASKS_PREPARERX task has been triggered. This flag is not visible to the
user.
Unprepare TX
Internal
Clears the internal 'TX prepared' flag until next TASKS_PREPARETX task.
Unprepare RX
Internal
Clears the internal 'RX prepared' flag until next TASKS_PREPARERX task.
Stop sequence
TWI protocol
A TWI stop sequence was detected
Restart sequence
TWI protocol
A TWI restart sequence was detected
Table 107: TWI slave state machine symbols
The TWI slave supports clock stretching performed by the master.
The TWI slave operates in a low power mode while waiting for a TWI master to initiate a transfer. As long
as the TWI slave is not addressed, it will remain in this low power mode.
4454_140 v1.0
365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com