| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52810-QFAA-R7 bảng dữ liệu(PDF) 28 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R7 bảng dữ liệu(HTML) 28 Page - Nordic Semiconductor |
|
28 / 483 page ![]() Core components Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x00000018 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 0 0 Id RW Field Value Id Value Description A R RAM RAM variant K24 0x18 24 kByte RAM Unspecified 0xFFFFFFFF Unspecified 4.4.1.20 INFO.FLASH Address offset: 0x110 Flash variant Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x000000C0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 0 0 0 0 0 Id RW Field Value Id Value Description A R FLASH Flash variant K192 0xC0 192 kByte flash Unspecified 0xFFFFFFFF Unspecified 4.4.1.21 TEMP.A0 Address offset: 0x404 Slope definition A0 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A Reset 0x00000320 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 0 1 0 0 0 0 0 Id RW Field Value Id Value Description A R A A (slope definition) register 4.4.1.22 TEMP.A1 Address offset: 0x408 Slope definition A1 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A Reset 0x00000343 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 1 0 0 0 0 1 1 Id RW Field Value Id Value Description A R A A (slope definition) register 4.4.1.23 TEMP.A2 Address offset: 0x40C Slope definition A2 4430_161 v1.0 28 |