| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52810-QFAA-R7 bảng dữ liệu(PDF) 41 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R7 bảng dữ liệu(HTML) 41 Page - Nordic Semiconductor |
|
41 / 483 page ![]() Core components 4.5.1.33 CUSTOMER[5] Address offset: 0x094 Reserved for customer Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW CUSTOMER Reserved for customer 4.5.1.34 CUSTOMER[6] Address offset: 0x098 Reserved for customer Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW CUSTOMER Reserved for customer 4.5.1.35 CUSTOMER[7] Address offset: 0x09C Reserved for customer Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW CUSTOMER Reserved for customer 4.5.1.36 CUSTOMER[8] Address offset: 0x0A0 Reserved for customer Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW CUSTOMER Reserved for customer 4.5.1.37 CUSTOMER[9] Address offset: 0x0A4 Reserved for customer 4430_161 v1.0 41 |