công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF52810-QFAA-R7 bảng dữ liệu(PDF) 75 Page - Nordic Semiconductor

tên linh kiện NRF52810-QFAA-R7
Giải thích chi tiết về linh kiện  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 bảng dữ liệu(HTML) 75 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 71Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 72Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 73Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 74Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 75Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 76Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 77Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 78Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 79Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 483 page
background image
Power and clock management
When read, this register will return the value of the POWER register.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
D C
B A
Reset 0x0000FFFF
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
W S0POWER
Keep RAM section S0 of RAM2 on or off in System ON mode
Off
1
Off
B
W S1POWER
Keep RAM section S1 of RAM2 on or off in System ON mode
Off
1
Off
C
W S0RETENTION
Keep retention on RAM section S0 when RAM section is
switched off
Off
1
Off
D
W S1RETENTION
Keep retention on RAM section S1 when RAM section is
switched off
Off
1
Off
5.3.9.18 RAM[3].POWER
Address offset: 0x930
RAM3 power control register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
D C
B A
Reset 0x0000FFFF
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
RW S0POWER
Keep RAM section S0 ON or OFF in System ON mode.
RAM sections are always retained when ON, but can
also be retained when OFF dependent on the settings in
S0RETENTION. All RAM sections will be OFF in System OFF
mode.
Off
0
Off
On
1
On
B
RW S1POWER
Keep RAM section S1 ON or OFF in System ON mode.
RAM sections are always retained when ON, but can
also be retained when OFF dependent on the settings in
S1RETENTION. All RAM sections will be OFF in System OFF
mode.
Off
0
Off
On
1
On
C
RW S0RETENTION
Keep retention on RAM section S0 when RAM section is in
OFF
Off
0
Off
On
1
On
D
RW S1RETENTION
Keep retention on RAM section S1 when RAM section is in
OFF
Off
0
Off
On
1
On
5.3.9.19 RAM[3].POWERSET
Address offset: 0x934
4430_161 v1.0
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More