công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC1G66GS bảng dữ liệu(PDF) 10 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LVC1G66GS
Giải thích chi tiết về linh kiện  Bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G66GS bảng dữ liệu(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G66GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Nexperia
74LVC1G66
Bilateral switch
11.1. Waveforms and test circuit
mna667
tPLH
tPHL
VM
VM
Y or Z input
Z or Y output
GND
VI
VOH
VOL
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 13. Input (Y or Z) to output (Z or Y) propagation delays
mna668
tPLZ
tPHZ
switch
disabled
switch
enabled
VY
VX
switch
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
E
Y or Z
Y or Z
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 14. Enable and disable times
Table 10. Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
1.65 V to 1.95 V
0.5VCC
0.5VCC
VOL + 0.15 V
VOH - 0.15 V
2.3 V to 2.7 V
0.5VCC
0.5VCC
VOL + 0.15 V
VOH - 0.15 V
2.7 V
1.5 V
1.5 V
VOL + 0.3 V
VOH - 0.3 V
3.0 V to 3.6 V
1.5 V
1.5 V
VOL + 0.3 V
VOH - 0.3 V
4.5 V to 5.5 V
0.5VCC
0.5VCC
VOL + 0.3 V
VOH - 0.3 V
74LVC1G66
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 14.1 — 3 September 2024
10 / 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com