công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC1G66GS bảng dữ liệu(PDF) 5 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LVC1G66GS
Giải thích chi tiết về linh kiện  Bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G66GS bảng dữ liệu(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC1G66GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Nexperia
74LVC1G66
Bilateral switch
10. Static characteristics
Table 7. Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
VCC = 1.65 V to 1.95 V
0.65VCC
-
-
0.65VCC
-
V
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VIH
HIGH-level input
voltage
VCC = 4.5 V to 5.5 V
0.7VCC
-
-
0.7VCC
-
V
VCC = 1.65 V to 1.95 V
-
-
0.35VCC
-
0.35VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VIL
LOW-level input
voltage
VCC = 4.5 V to 5.5 V
-
-
0.3VCC
-
0.3VCC V
II
input leakage
current
pin E; VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
[2]
-
±0.1
±1
-
±1
μA
IS(OFF) OFF-state leakage
current
VCC = 5.5 V; see Fig. 4
[2]
-
±0.1
±0.2
-
±0.5
μA
IS(ON)
ON-state leakage
current
VCC = 5.5 V; see Fig. 5
[2]
-
±0.1
±1
-
±2
μA
ICC
supply current
VI = 5.5 V or GND;
VSW = GND or VCC;
VCC = 1.65 V to 5.5 V
[2]
-
0.1
4
-
4
μA
ΔICC
additional supply
current
pin E; VI = VCC - 0.6 V;
VSW = GND or VCC; VCC = 5.5 V
[2]
-
5
500
-
500
μA
CI
input capacitance
-
2.0
-
-
-
pF
CS(OFF) OFF-state
capacitance
-
6.5
-
-
-
pF
CS(ON) ON-state
capacitance
-
11
-
-
-
pF
[1] All typical values are measured at Tamb = 25 °C.
[2] These typical values are measured at VCC = 3.3 V.
10.1. Test circuits
001aam389
IS
VI
VIL
VO
VCC
GND
Y
Z
E
VI = VCC or GND and VO = GND or VCC.
Fig. 4. Test circuit for measuring OFF-state leakage
current
001aam390
IS
VI
VIH
VO
VCC
GND
Y
Z
E
VI = VCC or GND and VO = open circuit.
Fig. 5. Test circuit for measuring ON-state leakage
current
74LVC1G66
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 14.1 — 3 September 2024
5 / 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com