công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC1G66GS bảng dữ liệu(PDF) 9 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LVC1G66GS
Giải thích chi tiết về linh kiện  Bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G66GS bảng dữ liệu(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G66GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Nexperia
74LVC1G66
Bilateral switch
11. Dynamic characteristics
Table 9. Dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 15.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
Y to Z or Z to Y; see Fig. 13 [2] [3]
VCC = 1.65 V to 1.95 V
-
0.8
2.0
-
3.0
ns
VCC = 2.3 V to 2.7 V
-
0.4
1.2
-
2.0
ns
VCC = 2.7 V
-
0.4
1.0
-
1.5
ns
VCC = 3.0 V to 3.6 V
-
0.3
0.8
-
1.5
ns
tpd
propagation delay
VCC = 4.5 V to 5.5 V
-
0.2
0.6
-
1.0
ns
E to Y or Z; see Fig. 14
[4]
VCC = 1.65 V to 1.95 V
1.0
5.3
12
1.0
15.5
ns
VCC = 2.3 V to 2.7 V
1.0
3.0
6.5
1.0
8.5
ns
VCC = 2.7 V
1.0
2.6
6.0
1.0
8.0
ns
VCC = 3.0 V to 3.6 V
1.0
2.5
5.0
1.0
6.5
ns
ten
enable time
VCC = 4.5 V to 5.5 V
1.0
1.9
4.2
1.0
5.5
ns
E to Y or Z; see Fig. 14
[5]
VCC = 1.65 V to 1.95 V
1.0
4.2
10
1.0
13
ns
VCC = 2.3 V to 2.7 V
1.0
2.4
6.9
1.0
9.0
ns
VCC = 2.7 V
1.0
3.6
7.5
1.0
9.5
ns
VCC = 3.0 V to 3.6 V
1.0
3.4
6.5
1.0
8.5
ns
tdis
disable time
VCC = 4.5 V to 5.5 V
1.0
2.5
5.0
1.0
6.5
ns
CL = 50 pF; fi = 10 MHz;
VI = GND to VCC
[6]
VCC = 2.5 V
-
9.8
-
-
-
pF
VCC = 3.3 V
-
12.0
-
-
-
pF
CPD
power dissipation
capacitance
VCC = 5.0 V
-
17.3
-
-
-
pF
[1] Typical values are measured at Tamb = 25 °C and nominal VCC.
[2] tpd is the same as tPLH and tPHL
[3] Propagation delay is the calculated RC time constant of the typical ON resistance of the switch and the specified capacitance when
driven by an ideal voltage source (zero output impedance).
[4] ten is the same as tPZH and tPZL
[5] tdis is the same as tPLZ and tPHZ
[6] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi × N + Σ{(CL + CS(ON))× VCC 2 × fo} where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
CS(ON) = maximum ON-state switch capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ{(CL + CS(ON)) × VCC 2 × fo} = sum of the outputs.
74LVC1G66
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 14.1 — 3 September 2024
9 / 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com