công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC1G66GS bảng dữ liệu(PDF) 2 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LVC1G66GS
Giải thích chi tiết về linh kiện  Bilateral switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G66GS bảng dữ liệu(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC1G66GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
74LVC1G66
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 10 — 7 December 2016
2 of 25
NXP Semiconductors
74LVC1G66
Bilateral switch
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
74LVC1G66GF
40 C to +125 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1  0.5 mm
SOT891
74LVC1G66GN
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9
 1.0  0.35 mm
SOT1115
74LVC1G66GS
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0
 1.0  0.35 mm
SOT1202
Table 1.
Ordering information …continued
Type number
Package
Temperature range
Name
Description
Version
Table 2.
Marking
Type number
Marking code[1]
74LVC1G66GW
VL
74LVC1G66GV
V66
74LVC1G66GM
VL
74LVC1G66GF
VL
74LVC1G66GN
VL
74LVC1G66GS
VL
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com