công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC1G66GS bảng dữ liệu(PDF) 9 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LVC1G66GS
Giải thích chi tiết về linh kiện  Bilateral switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G66GS bảng dữ liệu(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G66GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
74LVC1G66
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 10 — 7 December 2016
9 of 25
NXP Semiconductors
74LVC1G66
Bilateral switch
11. Dynamic characteristics
(1) Tamb = 125 C.
(2) Tamb =85 C.
(3) Tamb =25 C.
(4) Tamb = 40 C.
Fig 15. ON resistance as a function of input voltage; VCC =5.0 V
Table 9.
Dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for test circuit see Figure 18.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
Y to Z or Z to Y;
see Figure 16
[2][3]
VCC = 1.65 V to 1.95 V
-
0.8
2.0
-
3.0
ns
VCC = 2.3 V to 2.7 V
-
0.4
1.2
-
2.0
ns
VCC = 2.7 V
-
0.4
1.0
-
1.5
ns
VCC = 3.0 V to 3.6 V
-
0.3
0.8
-
1.5
ns
VCC = 4.5 V to 5.5 V
-
0.2
0.6
-
1.0
ns
ten
enable time
E to Y or Z; see Figure 17
[4]
VCC = 1.65 V to 1.95 V
1.0
5.3
12
1.0
15.5
ns
VCC = 2.3 V to 2.7 V
1.0
3.0
6.5
1.0
8.5
ns
VCC = 2.7 V
1.0
2.6
6.0
1.0
8.0
ns
VCC = 3.0 V to 3.6 V
1.0
2.5
5.0
1.0
6.5
ns
VCC = 4.5 V to 5.5 V
1.0
1.9
4.2
1.0
5.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com