công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC1G66GS bảng dữ liệu(PDF) 5 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LVC1G66GS
Giải thích chi tiết về linh kiện  Bilateral switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G66GS bảng dữ liệu(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC1G66GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
74LVC1G66
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 10 — 7 December 2016
5 of 25
NXP Semiconductors
74LVC1G66
Bilateral switch
10. Static characteristics
[1]
All typical values are measured at Tamb =25 C.
[2]
These typical values are measured at VCC =3.3 V.
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 1.65 V to 1.95 V
0.65VCC
-
-
0.65VCC
-V
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VCC = 4.5 V to 5.5 V
0.7VCC
-
-
0.7VCC
-V
VIL
LOW-level
input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35VCC
-0.35VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3VCC
-0.3VCC V
II
input leakage
current
pin E; VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
[2]
-
0.1
1-
1
A
IS(OFF)
OFF-state
leakage
current
VCC = 5.5 V; see Figure 7
[2]
-
0.1
0.2
-
0.5
A
IS(ON)
ON-state
leakage
current
VCC = 5.5 V; see Figure 8
[2]
-
0.1
1-
2
A
ICC
supply
current
VI = 5.5 V or GND;
VSW =GND or VCC;
VCC =1.65Vto5.5V
[2]
-0.1
4
-
4
A
I
CC
additional
supply
current
pin E; VI =VCC  0.6 V;
VSW =GND or VCC; VCC =5.5 V
[2]
-5
500
-
500
A
CI
input
capacitance
-
2.0
---
pF
CS(OFF)
OFF-state
capacitance
-
6.5
---
pF
CS(ON)
ON-state
capacitance
-
11
---
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com