công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC1G66GS bảng dữ liệu(PDF) 10 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LVC1G66GS
Giải thích chi tiết về linh kiện  Bilateral switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G66GS bảng dữ liệu(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G66GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
74LVC1G66
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 10 — 7 December 2016
10 of 25
NXP Semiconductors
74LVC1G66
Bilateral switch
[1]
Typical values are measured at Tamb =25 C and nominal VCC.
[2]
tpd is the same as tPLH and tPHL
[3]
propagation delay is the calculated RC time constant of the typical ON resistance of the switch and the specified capacitance when
driven by an ideal voltage source (zero output impedance).
[4]
ten is the same as tPZH and tPZL
[5]
tdis is the same as tPLZ and tPHZ
[6]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ {(CL +CS(ON)) VCC2  fo} where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
CS(ON) = maximum ON-state switch capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
{(C
L +CS(ON))  VCC
2
 f
o} = sum of the outputs.
11.1 Waveforms and test circuit
tdis
disable time
E to Y or Z; see Figure 17
[5]
VCC = 1.65 V to 1.95 V
1.0
4.2
10
1.0
13
ns
VCC = 2.3 V to 2.7 V
1.0
2.4
6.9
1.0
9.0
ns
VCC = 2.7 V
1.0
3.6
7.5
1.0
9.5
ns
VCC = 3.0 V to 3.6 V
1.0
3.4
6.5
1.0
8.5
ns
VCC = 4.5 V to 5.5 V
1.0
2.5
5.0
1.0
6.5
ns
CPD
power dissipation
capacitance
CL =50pF; fi =10MHz;
VI =GND to VCC
[6]
VCC =2.5 V
-
9.8
-
-
-
pF
VCC =3.3 V
-
12.0
-
-
-
pF
VCC =5.0 V
-
17.3
-
-
-
pF
Table 9.
Dynamic characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for test circuit see Figure 18.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 16. Input (Y or Z) to output (Z or Y) propagation delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com