công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XS3F-M8PVC4S2M bảng dữ liệu(PDF) 4 Page - Omron Electronics LLC

tên linh kiện XS3F-M8PVC4S2M
Giải thích chi tiết về linh kiện  Proximity Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M8PVC4S2M bảng dữ liệu(HTML) 4 Page - Omron Electronics LLC

  XS3F-M8PVC4S2M Datasheet HTML 1Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 2Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 3Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 4Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 5Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 6Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 7Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 8Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
E2E/E2EQ NEXT Series
18
*1. When embedding the Proximity Sensor in metal, refer to Influence of Surrounding Metal on page 62.
*2. Models with 5-m cable length are also available with "5M" suffix. (Example: E2E-X9B1D12 5M)
*3. Models with 2-m and 5-m robot (bending-resistant) cables are also available with "-R" in the model number. (Example: E2E-X9B1D12-R 2M/
E2E-X9B1D12-R 5M)
*4. Models with M12 Smartclick connector model robot (bending-resistant) cables are also available with "R" in the model number. (Example: E2E-
X9B1D12-M1TJR 0.3M)
Note: 1. Models in
are equipped with IO-Link (COM2). For IO-Link (COM3), select a model number with the format of "E2E-X
@@@T@"
(Example: E2E-X9B1T12 2M).
Operation mode NO can be changed to NC via IO-Link communications.
2. IO-Link is not supported for NC-type PNP outputs or all types of NPN outputs.
Size (Sensing
distance)
Connection method
Body size
Operation
mode
Model
PNP
NPN
M30 (23 mm)
Pre-wired (2 m) *2
60 mm *2
NO
E2E-X23B1D30 2M
E2E-X23C130 2M
NC
E2E-X23B230 2M
E2E-X23C230 2M
82 mm
NO
E2E-X23B1DL30 2M
E2E-X23C1L30 2M
NC
E2E-X23B2L30 2M
E2E-X23C2L30 2M
M12 Pre-wired Smartclick
Connector (0.3 m)
60 mm *4
NO
E2E-X23B1D30-M1TJ 0.3M
E2E-X23C130-M1TJ 0.3M
NC
E2E-X23B230-M1TJ 0.3M
E2E-X23C230-M1TJ 0.3M
82 mm
NO
E2E-X23B1DL30-M1TJ 0.3M
E2E-X23C1L30-M1TJ 0.3M
NC
E2E-X23B2L30-M1TJ 0.3M
E2E-X23C2L30-M1TJ 0.3M
M12 Connector
58 mm
NO
E2E-X23B1D30-M1
E2E-X23C130-M1
NC
E2E-X23B230-M1
E2E-X23C230-M1
80 mm
NO
E2E-X23B1DL30-M1
E2E-X23C1L30-M1
NC
E2E-X23B2L30-M1
E2E-X23C2L30-M1
PREMIUM Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com