công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XS3F-M8PVC4S2M bảng dữ liệu(PDF) 2 Page - Omron Electronics LLC

tên linh kiện XS3F-M8PVC4S2M
Giải thích chi tiết về linh kiện  Proximity Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M8PVC4S2M bảng dữ liệu(HTML) 2 Page - Omron Electronics LLC

  XS3F-M8PVC4S2M Datasheet HTML 1Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 2Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 3Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 4Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 5Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 6Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 7Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 8Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
E2E/E2EQ NEXT Series
16
E2E/E2EQ NEXT Series Model Number Legend
DC 3-wire
* (10) is only shown in the model number of Pre-wired Models.
Note: The purpose of this model number legend is to provide understanding of the meaning of specifications from the model number.
Models are not available for all combinations of code numbers.
No.
Type
Code
Meaning
(1)
Case
Blank
Without spatter-resistant coating
Q
With spatter-resistant coating
(2)
Sensing distance
Number
Sensing distance (Unit: mm)
(R: Indication of decimal point)
(3)
Shielding
Blank
Shielded
M
Unshielded
(4)
Output configuration
B
PNP open collector
C
NPN open collector
(5)
Operation mode
1
Normally open (NO)
2
Normally closed (NC)
3
Normally open, Normally closed (NO+NC)
(6)
IO-Link baud rate
Blank
IO-Link baud rate
D
COM2 (38.4 kbps)
T
COM3 (230.4 kbps)
(7)
Body size
Blank
Standard
L
Long Body
(8)
Size
8M8
12
M12
18
M18
30
M30
(9)
Connection method
Blank
Pre-wired Models
M1
M12 Connector Models
M3
M8 (4-pin) Connector Models
M5
M8 (3-pin) Connector Models
M1TJ
M12 Pre-wired Smartclick Connector Models
M1TJR
M12 Pre-wired Smartclick Connector Models
Robot (bending-resistant) cable
(10)
Cable specifications *
Blank
Standard PVC cable
R
Robot (bending-resistant) cable
(11)
Cable length
Number M
Cable length
E2E (1)
(2) (3) (4) (5) (6) (7)
-
(8)
(9)
(10)
(11)
X
-
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com