công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XS3F-M8PVC4S2M bảng dữ liệu(PDF) 32 Page - Omron Electronics LLC

tên linh kiện XS3F-M8PVC4S2M
Giải thích chi tiết về linh kiện  Proximity Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M8PVC4S2M bảng dữ liệu(HTML) 32 Page - Omron Electronics LLC

Back Button XS3F-M8PVC4S2M Datasheet HTML 28Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 29Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 30Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 31Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 32Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 33Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 34Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 35Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
E2E/E2EQ NEXT Series
46
E2E Q NEXT Series (Spatter-resistant Double distance/Single distance model)
DC 3-Wire Models
Shielded
Types
Double distance
Single distance
Size
M8
M12
M18
M30
M8
M12
M18
M30
Item
Model
E2EQ-X2
@8
E2EQ-X4
@12 E2EQ-X8@18 E2EQ-X15@30
E2EQ-X1R5
@8
E2EQ-X2
@12 E2EQ-X5@18 E2EQ-X10@30
Sensing distance
2 mm±10%
4 mm±10%
8 mm±10%
15 mm±10%
1.5 mm±10%
2 mm±10%
5 mm±10%
10 mm±10%
Setting distance
0 to 1.6 mm
0 to 3.2 mm
0 to 6.4 mm
0 to 12 mm
0 to 1.2 mm
0 to 1.6 mm
0 to 4 mm
0 to 8 mm
Differential travel
15% max. of sensing distance
10% max. of sensing distance
Detectable object
Ferrous metals (For non-ferrous metals, refer to the Engineering Data on page 48.)
Standard sensing
object
Iron,
8 × 8 × 1 mm
Iron,
12 × 12 × 1 mm
Iron,
24 × 24 × 1 mm
Iron,
45 × 45 × 1 mm
Iron,
8 × 8 × 1 mm
Iron,
12 × 12 × 1 mm
Iron,
18 × 18 × 1 mm
Iron,
30 × 30 × 1 mm
Response frequency
*1
1,500 Hz
1,000 Hz
500 Hz
250 Hz
2,000 Hz
1,500 Hz
600 Hz
400 Hz
Power supply voltage
10 to 30 VDC (including 10% ripple (p-p)), Class 2
Current consumption
1-output models: 16 mA max.
2-output models: 20 mA max.
Output configuration
B
@ Models: PNP open collector,
C
@ Models: NPN open collector
Operation mode
(with sensing object
approaching)
1-output models (B1, C1): NO (Normally open),
1-output models (B2, C2): NC (Normally closed)
2-output models (B3, C3): NO+NC (Normally open, Normally closed)
Control
output
Load
current
1-output models:
10 to 30 VDC,
Class 2, 200 mA
max., (-40 to
70°C), 100 mA
max., (70 to 85°C)
2-output models:
10 to 30 VDC,
Class 2, 50 mA
max.
1-output models:
10 to 30 VDC, Class 2, 200 mA max.,
2-output models:
10 to 30 VDC, Class 2, 100 mA max.
1-output models:
10 to 30 VDC,
Class 2, 200 mA
max., (-40 to
70°C), 100 mA
max., (70 to 85°C)
2-output models:
10 to 30 VDC,
Class 2, 50 mA
max.
1-output models:
10 to 30 VDC, Class 2, 200 mA max.,
2-output models:
10 to 30 VDC, Class 2, 100 mA max.
Residual
voltage
1-output models:
2 V max. (Load
current: 200 mA,
Cable length: 2 m),
2-output models:
2 V max. (Load
current: 50 mA,
Cable length: 2 m)
1-output models:
2 V max. (Load current: 200 mA, Cable length: 2
m),
2-output models:
2 V max. (Load current: 100 mA, Cable length: 2
m)
1-output models:
2 V max. (Load
current: 200 mA,
Cable length: 2 m),
2-output models:
2 V max. (Load
current: 50 mA,
Cable length: 2 m)
1-output models:
2 V max. (Load current: 200 mA, Cable length: 2
m),
2-output models:
2 V max. (Load current: 100 mA, Cable length: 2
m)
Indicator *2
In the Standard I/O mode (SIO mode): Operation indicator (orange, lit) and communication indicator (green, not lit)
In the IO-Link communication mode (COM mode): Operation indicator (orange, lit) and communication indicator (green, blinking at 1 s intervals)
Protection circuits
Power supply reverse polarity protection, Surge suppressor, Output short-circuit protection, Output reverse polarity protection
Ambient temperature
range
Operating/Storage: -40 to 85°C (with no icing or condensation)
Note: The UL temperature rating for M12 Pre-wired Connector Models is -25 to 70°C.
Ambient humidity
range
Operating/Storage: 35% to 95% (with no condensation)
Temperature
influence
±15% max. of sensing distance at 23°C in the temperature range of -40 to 85°C
±10% max. of sensing distance at 23°C in the temperature range of -25 to 70°C
Voltage influence
±1% max. of sensing distance at rated voltage in the rated voltage ±15% range
Insulation resistance
50 M
Ω min. (at 500 VDC) between current-carrying parts and case
Dielectric strength
1,000 VAC, 50/60 Hz for 1 minute between current-carrying parts and case
Vibration resistance
(destruction)
10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
(destruction)
500 m/s2 10 times
each in X, Y, and
Z directions
1,000 m/s2 10 times each in X, Y, and Z
directions
500 m/s2 10 times
each in X, Y, and
Z directions
1,000 m/s2 10 times each in X, Y, and Z
directions
Degree of protection
Pre-wired Models, Pre-wired Connector Models: IEC 60529:IP67, JIS C 0920 Annex 1: IP67G
Connector Models: IEC 60529 IP67
Connection method
Pre-wired Models (Standard cable length: 2 m) and Pre-wired Connector Models (Standard cable length: 0.3 m), M12 Connector Models
Weight *3
(packed
state)
Pre-wired
Approx. 85 g
Approx. 95 g
Approx. 170 g Approx. 240 g Approx. 85 g
Approx. 95 g
Approx. 170 g Approx. 240 g
M12
Pre-wired
Smartclick
Connector
Approx. 55 g
Approx. 70 g
Approx. 105 g Approx. 170 g Approx. 55 g
Approx. 70 g
Approx. 105 g Approx. 170 g
Connector Approx. 40 g
Approx. 55 g
Approx. 85 g
Approx. 160 g Approx. 40 g
Approx. 55 g
Approx. 85 g
Approx. 160 g
BASIC Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com