công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XS3F-M8PVC4S2M bảng dữ liệu(PDF) 33 Page - Omron Electronics LLC

tên linh kiện XS3F-M8PVC4S2M
Giải thích chi tiết về linh kiện  Proximity Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M8PVC4S2M bảng dữ liệu(HTML) 33 Page - Omron Electronics LLC

Back Button XS3F-M8PVC4S2M Datasheet HTML 29Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 30Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 31Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 32Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 33Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 34Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 35Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 36Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 37Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
E2E/E2EQ NEXT Series
47
*1. The response frequency is an average value. Measurement conditions are as follows: standard sensing object, a distance of twice the standard
sensing object, and a set distance of half the sensing distance.
*2. IO-Link is not supported for NC-type PNP outputs or all types of NPN outputs.
*3. Weight of the standard body-sized model.
Materials
Case
Fluororesin coating
(Base material:
SUS303)
Fluororesin coating (Base material: brass)
Fluororesin coating
(Base material:
SUS303)
Fluororesin coating (Base material: brass)
Sensing
surface
Fluorine resin
Clamping
nuts
Fluororesin coating (Base material: brass)
Toothed
washers
Zinc-plated iron
Cable
Vinyl chloride (PVC)
Main IO-Link
functions *2
Operation mode switching between NO and NC, self diagnosis enabling, excessive proximity judgment distance selecting, timer function of
the control output and timer time selecting, instability output (IO-Link mode) ON delay timer time selecting function, monitor output, operating
hours read-out, readout of the sensor internal temperature, and initial reset
IO-Link
Commun
ication
specifica
tions *2
IO-Link
specificati
on
Ver1.1
Baud rate
COM2 (38.4 kbps), COM3 (230.4 kbps)
Data
length
PD size: 2 bytes, OD size: 1 byte (M-sequence type: TYPE_2_2)
Minimum
cycle time
COM2: 2.3 ms, COM3: 0.4 ms
Accessories
Instruction manual, Clamping nuts, Toothed washer
Types
Double distance
Single distance
Size
M8
M12
M18
M30
M8
M12
M18
M30
Item
Model
E2EQ-X2
@8
E2EQ-X4
@12 E2EQ-X8@18 E2EQ-X15@30
E2EQ-X1R5
@8
E2EQ-X2
@12 E2EQ-X5@18 E2EQ-X10@30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com