công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMSW6421 bảng dữ liệu(PDF) 1 Page - Infinite Electronics International, Inc.

tên linh kiện FMSW6421
Giải thích chi tiết về linh kiện  SPDT Failsafe Electro-Mechanical Relay Switch DC to 26.5 GHz , Up To 90W, 28V, 2M Lifecycles, SMA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRVIEW [Infinite Electronics International, Inc.]
Trang chủ  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSW6421 bảng dữ liệu(HTML) 1 Page - Infinite Electronics International, Inc.

  FMSW6421 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSW6421 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSW6421 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMSW6421 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV 1.0 Page 1 of 4
Copyright © 2020
The FMSW6421 is a Single Pole Double Throw (SPDT) electromechanical relay
switch that operates across a wide frequency range of DC to 26.5 GHz and can
handle up to 90 Watts of CW input power in a break before make condition. The
50 Ohm design features a Failsafe Actuator and is rated for 2 million lifecycles.
Impressive typical performance includes 0.35 dB insertion loss and isolation
greater than 80 dB. This switch requires +28Vdc bias voltage and operates
over a temperature range of -25°C to +65°C. The rugged and compact package
assembly supports SMA female connectors and terminal solder pins for DC control.
And for highly reliable operation, the model is guaranteed to meet MIL-STD-202
environmental test conditions for shock and random vibration.
Electrical Specifications
Switch Type
SPDT
Actuator Type
Failsafe
Switching Sequence
Break before Make
Description
Min
Typ
Max
Units
Frequency Range
DC
26.5
GHz
Impedance
50
Ohms
Operating Voltage
26
28
30
Volts
Actuating Current @ 28 Volts
90
mA
At +20°C
VSWR
1.4:1
1.7:1
Insertion Loss
0.35
0.6
dB
Isolation
50
80
dB
Input Power (CW)
90
Watts
Switching Time
20
ms
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range DC - 6
6 - 12
12 - 18 18 - 26.5
GHz
VSWR, Max
1.2:1
1.3:1
1.4:1
1.7:1
Insertion Loss, Max 0.15
0.25
0.35
0.6
dB
Isolation, Min
80
70
60
50
dB
Mechanical Specifications
Size
.
Body Material and Plating
Aluminum
Package Type
Connectorized
.
Operating Life
2,000,000 Cycles
Connectors
RF Connector Type
SMA Female
Control Connector
Solder Terminals
FMSW6421
DATA SHEET
SPDT Failsafe Electro-Mechanical Relay Switch DC
to 26.5 GHz , Up To 90W, 28V, 2M Lifecycles, SMA
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Single Pole Double Throw
Electromechanical Relay Switch
• DC to 26.5 GHz
Frequency Range
• Failsafe Actuator
• 2M Lifecycle Rating
• Insertion Loss 0.35 dB typ
• Isolation > 80 dB typ
• VSWR 1.4:1 typ
• Terminal Solder Pins
for DC Control
• +28 Volt DC Bias
• SMA Female Connectors
• -25°C to +65°C Operating
Temperature
• Up to 90 Watt Average
Power Handling
• 50 Ohm Design
• Hot Switching Capability
- Consult Factory
• S-Parameter Data
available upon request
• Rugged Design meets Mil-
STD-202 Test Conditions
Applications:
• Aerospace & Defense
• Test & Measurement
• Microwave Radio Systems
• Military & Commercial
Communication Systems
• Research & Development
• SATCOM
• Wireless Communications
• Enterprise
• IoT


Số phần tương tự - FMSW6421

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infinite Electronics In...
FMSW6420 FAIRVIEW-FMSW6420 Datasheet
665Kb / 4P
SPDT Failsafe Electro-Mechanical Relay Switch DC to 26.5 GHz , 90W, 12V, SMA
REV 1.0A
FMSW6422 FAIRVIEW-FMSW6422 Datasheet
661Kb / 4P
SPDT Failsafe Electro-Mechanical Relay Switch DC to 26.5 GHz , TTL, 90W, 28V, 2M Lifecycles, Suppression Diodes, Indicators, SMA
REV 1.0A
FMSW6423 FAIRVIEW-FMSW6423 Datasheet
809Kb / 6P
FMSW6423 DATA SHEET SP4T Normally Open Electro-Mechanical Relay Switch DC to 26.5 GHz , TTL, 90W, 12V, 2M Lifecylces, Suppression Diodes, Indicators, SMA
REV 1.0A
FMSW6424 FAIRVIEW-FMSW6424 Datasheet
807Kb / 6P
SP4T Normally Open Electro-Mechanical Relay Switch DC to 26.5 GHz , TTL, 90W, 28V, 2M Lifecycles, Suppression Diodes, Indicators, SMA
REV 1.0A
FMSW6425 FAIRVIEW-FMSW6425 Datasheet
795Kb / 6P
SPDT Latching Self Cut-Off Electro-Mechanical Relay Switch DC to 12 GHz , TTL, Up To 600W, 5M Lifecycles, Suppression Diodes, 28V, N
REV 1.0B
More results

Mô tả tương tự - FMSW6421

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE7141 PASTERNACK-PE7141 Datasheet
250Kb / 1P
SMA SPDT RELAY SWITCH FAILSAFE
PE7142 PASTERNACK-PE7142 Datasheet
120Kb / 1P
SMA SPDT RELAY SWITCH FAILSAFE
PE71S6102 PASTERNACK-PE71S6102 Datasheet
444Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6107 PASTERNACK-PE71S6107 Datasheet
454Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6152 PASTERNACK-PE71S6152 Datasheet
407Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6155 PASTERNACK-PE71S6155 Datasheet
404Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6156 PASTERNACK-PE71S6156 Datasheet
408Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S2017 PASTERNACK-PE71S2017 Datasheet
501Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2018 PASTERNACK-PE71S2018 Datasheet
433Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 27 dBm
PE71S2010 PASTERNACK-PE71S2010 Datasheet
445Kb / 5P
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com