công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMSW6421 bảng dữ liệu(PDF) 4 Page - Infinite Electronics International, Inc.

tên linh kiện FMSW6421
Giải thích chi tiết về linh kiện  SPDT Failsafe Electro-Mechanical Relay Switch DC to 26.5 GHz , Up To 90W, 28V, 2M Lifecycles, SMA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRVIEW [Infinite Electronics International, Inc.]
Trang chủ  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSW6421 bảng dữ liệu(HTML) 4 Page - Infinite Electronics International, Inc.

  FMSW6421 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSW6421 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSW6421 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMSW6421 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.0 Page 4 of 4
.23
5.8
.44
11.2
.88
22.4
.26
6.6
TYP
3X
SMA FEMALE
1.31
33.3
MAX
.093
2.36
.170
4.32
1.19
30.2
.44
11.2
2X .093 [2.36]
THRU HOLES
.31
7.8
MAX
2X .120 [3.05]
THRU HOLES
.30
7.6
MAX
LABEL PER ILS-100-02
(SEE NOTE 1)
.52
13.2
1.34
34.0
2X SOLDER TERMINALS,
SOLDER WIRE USING SN63
MAXIMUM TEMP 210 C FOR
NO MORE THAN 5 SEC.
SCHEMATIC (FAILSAFE POSITION)
NOTES:
LABEL PER ILS-100-02. FOR INTERNAL REFERENCE ONLY.
1.
LABEL LOCATION FOR REFERENCE ONLY.
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
A
INITIAL RELEASE
8/14/2020
T.GALLA
TITLE
THE INFORMATION AND
DESIGN IN THIS DOCUMENT
IS THE PROPERTY OF
FAIRVIEW MICROWAVE CORPORATION.
ALL RIGHTS RESERVED.
K.DANG
A
FMSW6421
ALL DIMENSIONS SHOWN ARE FOR REFERENCE ONLY.
DRAWN BY
THIRD-ANGLE PROJECTION
SHEET
OF
A
SCALE
SIZE
3FKR5
UNLESS OTHERWISE SPECIFIED LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
REV
1
1
N/A
ITEM NO.
CAGE CODE
THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT
ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW PROHIBITED.
°
ANGLES ± 1
± 1/32
FRACTIONS
.2 [5.08]
.X = ±
.XX = ±.02 [ .51 ]
.005 [ .13 ]
.XXX = ±
TOLERANCES:
L ≤ 12 [305] = +1 [25] / -0
12 [305] < L ≤ 60 [1524] = +2 [51] / -0
60 [1524] < L ≤ 120 [3048] = +4 [102] / -0
120 [3048] < L ≤ 300 [7620] = +6 [152] / -0
300 [7620] < L = +5%L / -0
CABLE LENGTH (L) TOLERANCES:
T-Rev.D
FMSW6421
DATA SHEET
SPDT Failsafe Electro-Mechanical Relay Switch DC to
26.5 GHz , Up To 90W, 28V, 2M Lifecycles, SMA



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com