công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMSW6422 bảng dữ liệu (PDF) - Infinite Electronics International, Inc.

FMSW6422 Datasheet PDF - Infinite Electronics International, Inc.
tên linh kiện FMSW6422
tải về  FMSW6422 tải về
kích thước tập tin   661.57 Kbytes
Page   4 Pages
nhà sản xuất  FAIRVIEW [Infinite Electronics International, Inc.]
Trang chủ  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Giải thích chi tiết về linh kiện SPDT Failsafe Electro-Mechanical Relay Switch DC to 26.5 GHz , TTL, 90W, 28V, 2M Lifecycles, Suppression Diodes, Indicators, SMA

FMSW6422 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
FMSW6422 Datasheet PDF - Infinite Electronics International, Inc.

tên linh kiện FMSW6422
tải về  FMSW6422 Click to download

kích thước tập tin   661.57 Kbytes
Page   4 Pages
nhà sản xuất  FAIRVIEW [Infinite Electronics International, Inc.]
Trang chủ  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Giải thích chi tiết về linh kiện SPDT Failsafe Electro-Mechanical Relay Switch DC to 26.5 GHz , TTL, 90W, 28V, 2M Lifecycles, Suppression Diodes, Indicators, SMA

FMSW6422 bảng dữ liệu (HTML) - Infinite Electronics International, Inc.


FMSW6422 Thông tin chi tiết sản phẩm

Features
Features
• reverse current, and Indicators to monitor the switch position. Impressive typical
• performance includes 0.35 dB insertion loss and isolation greater than 80 dB.
• This switch requires +28Vdc bias voltage and operates over a temperature range
• of -25°C to +65°C. The rugged and compact package assembly supports SMA
• female connectors and terminal solder pins for all command control functions.
• And for highly reliable operation, the model is guaranteed to meet MIL-STD-202
• environmental test conditions for shock and random vibration.
Features
• Single Pole Double Throw
• Electromechanical Relay Switch
• DC to 26.5 GHz
• Frequency Range
• Failsafe Actuator
• TTL Logic Control
• Suppression Diodes
• Indicators
• 2M Lifecycle Rating
• TTL Logic Control
• Suppression Diodes
• Indicators
• Insertion Loss 0.35 dB typ
• Isolation > 80 dB typ
• VSWR 1.4:1 typ
• +28 Volt DC Bias
• Terminal Solder Pins for
• Command Control Functions
• SMA Female Connectors
• -25°C to +65°C Operating
• Temperature
• Up to 90 Watt Average
• Power Handling
• 50 Ohm Design
• Hot Switching Capability
• - Consult Factory
• S-Parameter Data
• available upon request
• Rugged Design meets Mil-
• STD-202 Test Conditions
• Applications:
• Aerospace & Defense
• Test & Measurement
• Microwave Radio Systems
• Military & Commercial
• Communication Systems
• Research & Development
• SATCOM
• Wireless Communications




Số phần tương tự - FMSW6422

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infinite Electronics In...
FMSW6420 FAIRVIEW-FMSW6420 Datasheet
665Kb / 4P
SPDT Failsafe Electro-Mechanical Relay Switch DC to 26.5 GHz , 90W, 12V, SMA
REV 1.0A
FMSW6421 FAIRVIEW-FMSW6421 Datasheet
661Kb / 4P
SPDT Failsafe Electro-Mechanical Relay Switch DC to 26.5 GHz , Up To 90W, 28V, 2M Lifecycles, SMA
REV 1.0A
FMSW6423 FAIRVIEW-FMSW6423 Datasheet
809Kb / 6P
FMSW6423 DATA SHEET SP4T Normally Open Electro-Mechanical Relay Switch DC to 26.5 GHz , TTL, 90W, 12V, 2M Lifecylces, Suppression Diodes, Indicators, SMA
REV 1.0A
FMSW6424 FAIRVIEW-FMSW6424 Datasheet
807Kb / 6P
SP4T Normally Open Electro-Mechanical Relay Switch DC to 26.5 GHz , TTL, 90W, 28V, 2M Lifecycles, Suppression Diodes, Indicators, SMA
REV 1.0A
FMSW6425 FAIRVIEW-FMSW6425 Datasheet
795Kb / 6P
SPDT Latching Self Cut-Off Electro-Mechanical Relay Switch DC to 12 GHz , TTL, Up To 600W, 5M Lifecycles, Suppression Diodes, 28V, N
REV 1.0B
More results


Mô tả tương tự - FMSW6422

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE7141 PASTERNACK-PE7141 Datasheet
250Kb / 1P
SMA SPDT RELAY SWITCH FAILSAFE
PE7142 PASTERNACK-PE7142 Datasheet
120Kb / 1P
SMA SPDT RELAY SWITCH FAILSAFE
PE7145 PASTERNACK-PE7145 Datasheet
274Kb / 1P
SMA SPDT RELAY SWITCH INDICATORS & PULSE LATCHING
PE7146 PASTERNACK-PE7146 Datasheet
273Kb / 1P
SMA SPDT RELAY SWITCH, INDICATORS & PULSE LATCHING
PE71S6054 PASTERNACK-PE71S6054 Datasheet
393Kb / 4P
SPDT Electromechanical Relay Switch DC to 18 GHz, SMA, 240 Watts, 28V Control, 30V Indicator with Indicators, Latching, Normally Open
PE71S6304 PASTERNACK-PE71S6304 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6308 PASTERNACK-PE71S6308 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL, Self Cut Off
PE71S6311 PASTERNACK-PE71S6311 Datasheet
483Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL
PE71S6312 PASTERNACK-PE71S6312 Datasheet
505Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6121 PASTERNACK-PE71S6121 Datasheet
457Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz,2.92mm, 10 Watts, 28V Control with Indicators, Failsafe, TTL
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com