| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RX72N bảng dữ liệu(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RX72N bảng dữ liệu(HTML) 23 Page - Renesas Technology Corp |
|
23 / 179 page ![]() RX72N Group 1. Overview R01DS0343EJ0120 Rev.1.20 Page 23 of 179 Nov 15, 2023 USB 2.0 host/function module VCC_USB Input Power supply pin VSS_USB Input Ground pin USB0_DP I/O Input or output USB transceiver D+ data. USB0_DM I/O Input or output USB transceiver D- data. USB0_EXICEN Output Connect to the OTG power IC. USB0_ID Input Connect to the OTG power IC. USB0_VBUSEN Output USB VBUS power enable pin USB0_OVRCURA/ USB0_OVRCURB Input USB overcurrent pins USB0_VBUS Input USB cable connection/disconnection detection input pin CAN module CRX0, CRX1, CRX2, CRX1-DS Input Input pins CTX0, CTX1, CTX2 Output Output pins Serial peripheral interface RSPCKA-A/RSPCKA-B/ RSPCKB-A/RSPCKB-B/ RSPCKC-A/RSPCKC-B I/O Clock input/output pins MOSIA-A/MOSIA-B/ MOSIB-A/MOSIB-B/ MOSIC-A/MOSIC-B I/O Input or output data output from the master MISOA-A/MISOA-B/ MISOB-A/MISOB-B/ MISOC-A/MISOC-B I/O Input or output data output from the slave SSLA0-A/SSLA0-B/ SSLB0-A/SSLB0-B/ SSLC0-A/SSLC0-B I/O Input or output pins for slave selection SSLA1-A/SSLA1-B/ SSLB1-A/SSLB1-B/ SSLC1-A/SSLC1-B, SSLA2-A/SSLA2-B/ SSLB2-A/SSLB2-B/ SSLC2-A/SSLC2-B, SSLA3-A/SSLA3-B/ SSLB3-A/SSLB3-B/ SSLC3-A/SSLC3-B Output Output pins for slave selection Quad serial peripheral interface QSPCLK-A/QSPCLK-B/ QSPCLK-C Output QSPI clock output pins QSSL-A/QSSL-B/QSSL-C Output QSPI slave output pins QMO-A/QMO-B/QMO-C, QIO0-A/QIO0-B/QIO0-C I/O Master transmit data/data 0 QMI-A/QMI-B/QMI-C, QIO1-A/QIO1-B/QIO1-C I/O Master input data/data 1 QIO2-A/QIO2-B/QIO2-C, QIO3-A/QIO3-B/QIO3-C I/O Data 2, data 3 Serial sound interface enhanced SSIBCK0, SSIBCK1 I/O SSIE serial bit-clock pins SSILRCK0, SSILRCK1 I/O LR clock SSITXD0 Output Serial data output pin SSIRXD0 Input Serial data input pin SSIDATA1 I/O Serial data input/output pin AUDIO_CLK Input External clock pin for audio (input for an oversampling clock) Table 1.4 Pin Functions (6/8) Classifications Pin Name I/O Description |