| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RX72N bảng dữ liệu(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RX72N bảng dữ liệu(HTML) 20 Page - Renesas Technology Corp |
|
20 / 179 page ![]() RX72N Group 1. Overview R01DS0343EJ0120 Rev.1.20 Page 20 of 179 Nov 15, 2023 General PWM timer W GTETRGA, GTETRGB, GTETRGC, GTETRGD Input Input pins for the external trigger signals GTIOC0A to GTIOC3A, GTIOC0B to GTIOC3B I/O Input capture input/output compare output/PWM output pins GTADSM0, GTADSM1 Output Output pins for monitoring A/D conversion start requests. 16-bit timer pulse unit TIOCA0, TIOCB0, TIOCC0, TIOCD0 I/O The TGRA0 to TGRD0 input capture input/output compare output/PWM output pins TIOCA1, TIOCB1 I/O The TGRA1 and TGRB1 input capture input/output compare output/PWM output pins TIOCA2, TIOCB2 I/O The TGRA2 and TGRB2 input capture input/output compare output/PWM output pins TIOCA3, TIOCB3, TIOCC3, TIOCD3 I/O The TGRA3 to TGRD3 input capture input/output compare output/PWM output pins TIOCA4, TIOCB4 I/O The TGRA4 and TGRB4 input capture input/output compare output/PWM output pins TIOCA5, TIOCB5 I/O The TGRA5 and TGRB5 input capture input/output compare output/PWM output pins TCLKA, TCLKB, TCLKC, TCLKD Input Input pins for external clock signals or for phase counting mode clock signals Programmable pulse generator PO0 to PO31 Output Output pins for the pulse signals 8-bit timer TMO0 to TMO3 Output Compare match output pins TMCI0 to TMCI3 Input Input pins for external clocks to be input to the counter TMRI0 to TMRI3 Input Input pins for the counter reset Compare match timer W TIC0 to TIC3 Input Input pins for CMTW TOC0 to TOC3 Output Output pins for CMTW Serial communications interface (SCIj) Asynchronous mode/clock synchronous mode SCK0 to SCK6 I/O Input/output pins for the clock RXD0 to RXD6 Input Input pins for received data TXD0 to TXD6 Output Output pins for transmitted data CTS0# to CTS6# Input Input pins for controlling the start of transmission and reception RTS0# to RTS6# Output Output pins for controlling the start of transmission and reception Simple I2C mode SSCL0 to SSCL6 I/O Input/output pins for the I2C clock SSDA0 to SSDA6 I/O Input/output pins for the I2C data Simple SPI mode SCK0 to SCK6 I/O Input/output pins for the clock SMISO0 to SMISO6 I/O Input/output pins for slave transmission of data SMOSI0 to SMOSI6 I/O Input/output pins for master transmission of data SS0# to SS6# Input Chip-select input pins Table 1.4 Pin Functions (3/8) Classifications Pin Name I/O Description |