| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RX72N bảng dữ liệu(PDF) 121 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RX72N bảng dữ liệu(HTML) 121 Page - Renesas Technology Corp |
|
121 / 179 page ![]() R01DS0343EJ0120 Rev.1.20 Page 121 of 179 Nov 15, 2023 RX72N Group 2. Electrical Characteristics Figure 2.44 Output Disable Time for POE in Response to the Simultaneous Conduction of Output Pins Figure 2.45 Output Disable Time for POE in Response to the Register Setting Figure 2.46 Output Disable Time for POE in Response to the Oscillation Stop Detection Outputs disabled Simultaneous active-level outputs detected*1 Note 1. When the active level is set to low. MTU PWM output pins tPOEDO MTU PWM output pins Outputs disabled tPOEDS Corresponding bit in the SPOER register Oscillation stop detection signal (internal signal) MTU PWM output pins Outputs disabled tPOEDOS Main clock |