công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100GGL2DFB bảng dữ liệu(PDF) 93 Page - Renesas Technology Corp

tên linh kiện R7F100GGL2DFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GGL2DFB bảng dữ liệu(HTML) 93 Page - Renesas Technology Corp

Back Button R7F100GGL2DFB Datasheet HTML 89Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 90Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 91Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 92Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 93Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 94Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 95Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 96Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 183 page
background image
RL78/G23
2. Electrical Characteristics
R01DS0395EJ0140 Rev.1.40
Page 93 of 177
Oct 31, 2025
Note 1.
The listed currents are the total currents flowing into VDD and EVDD0, including the input leakage currents flowing when the
level of the input pin is fixed to VDD, EVDD0 or VSS, EVSS0. In the subsystem clock operation mode or the STOP mode, the
currents in both the “Typ.” and “Max.” columns do not include the operating currents of the peripheral modules.
Note 2.
The listed currents apply when the HALT instruction has been fetched from the flash memory for execution.
Note 3.
The listed currents apply when the high-speed on-chip oscillator, middle-speed on-chip oscillator, high-speed system clock,
and subsystem clock are stopped.
Note 4.
The listed currents apply when the high-speed on-chip oscillator, middle-speed on-chip oscillator, high-speed system clock,
and low-speed on-chip oscillator are stopped.
Note 5.
The listed currents apply when the high-speed on-chip oscillator, middle-speed on-chip oscillator, high-speed system clock,
and low-speed on-chip oscillator are stopped, and the setting of RTCLPC is 1, and the low power consumption oscillation 3
is specified (AMPHS1, AMPHS0 = 11B).
Note 6.
The listed currents with this setting allow retention of the contents of the entire RAM area. The listed currents apply when the
low-speed on-chip oscillator and subsystem clock oscillation are stopped. For the current for operation of the subsystem
clock in the STOP mode, refer to that in the HALT mode.
Note 7.
The listed currents with this setting allow retention of the contents of a specified 4-Kbyte area of the RAM. The listed currents
apply when the low-speed on-chip oscillator and subsystem clock oscillation are stopped.
Note 8.
The listed currents with this setting allow retention of the contents of a specified 4-Kbyte area of the RAM. The listed currents
apply when the low-speed on-chip oscillator is stopped, the setting of RTCLPC is 1, and the low power consumption
oscillation 3 is specified (AMPHS1, AMPHS0 = 11B). The current flowing into the RTC is included.
Remark 1.
fIL: Low-speed on-chip oscillator clock frequency
Remark 2.
fSUB: Subsystem clock frequency (XT1 clock oscillation frequency)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com