công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100GGL2DFB bảng dữ liệu(PDF) 69 Page - Renesas Technology Corp

tên linh kiện R7F100GGL2DFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GGL2DFB bảng dữ liệu(HTML) 69 Page - Renesas Technology Corp

Back Button R7F100GGL2DFB Datasheet HTML 65Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 66Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 67Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 68Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 69Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 70Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 71Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 72Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 183 page
background image
RL78/G23
2. Electrical Characteristics
R01DS0395EJ0140 Rev.1.40
Page 69 of 177
Oct 31, 2025
2.2
Characteristics of the Oscillators
2.2.1
Characteristics of the X1 oscillator
Note
The listed time and frequency indicate permissible ranges of the oscillator. For actual applications, request evaluation by the
manufacturer of the oscillator circuit mounted on a board so you can use appropriate values. Refer to 2.4 AC
Characteristics
for instruction execution time.
Caution
Since the CPU is started by the high-speed on-chip oscillator clock after release from the reset state, the user
should use the oscillation stabilization time counter status register (OSTC) to check the X1 clock oscillation
stabilization time. Specify the values for the oscillation stabilization time in the OSTC register and the oscillation
stabilization time select register (OSTS) after having sufficiently evaluated the oscillation stabilization time with
the resonator to be used.
2.2.2
Characteristics of the XT1 oscillator
Note
The listed time and frequency indicate permissible ranges of the oscillator. For actual applications, request evaluation by the
manufacturer of the oscillator circuit mounted on a board so you can use appropriate values. Refer to 2.4 AC
Characteristics
for instruction execution time.
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Item
Resonator
Conditions
Min.
Typ.
Max.
Unit
X1 clock oscillation allowable input
cycle timeNote
Ceramic resonator/
crystal resonator
0.05
1
µs
(TA = -40 to +105°C, 2.4 V ≤ VDD ≤ 5.5 V for the 30- to 36-pin products, 1.6 V ≤ VDD ≤ 5.5 V for the 40- to 128-pin products,
VSS = 0 V)
Item
Resonator
Conditions
Min.
Typ.
Max.
Unit
XT1 clock oscillation frequency
(fXT)Note
Crystal resonator
32.768
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com