công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100GGL2DFB bảng dữ liệu(PDF) 82 Page - Renesas Technology Corp

tên linh kiện R7F100GGL2DFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GGL2DFB bảng dữ liệu(HTML) 82 Page - Renesas Technology Corp

Back Button R7F100GGL2DFB Datasheet HTML 78Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 79Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 80Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 81Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 82Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 83Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 84Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 85Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 183 page
background image
RL78/G23
2. Electrical Characteristics
R01DS0395EJ0140 Rev.1.40
Page 82 of 177
Oct 31, 2025
1. 30- to 64-pin package products with 96- to 128-Kbyte code flash memory
Note 1.
The listed currents are the total currents flowing into VDD and EVDD0, including the input leakage currents flowing when the
level of the input pin is fixed to VDD, EVDD0 or VSS, EVSS0. In the subsystem clock operation mode, the currents in both the
“Typ.” and “Max.” columns do not include the operating currents of the peripheral modules.
Note 2.
The listed currents apply when the high-speed on-chip oscillator, middle-speed on-chip oscillator, high-speed system clock,
and subsystem clock are stopped.
Note 3.
The listed currents apply when the high-speed on-chip oscillator, high-speed system clock, middle-speed on-chip oscillator,
and low-speed on-chip oscillator are stopped, and the low power consumption oscillation 3 is specified (AMPHS1, AMPHS0
= 11B).
Remark 1.
fIL: Low-speed on-chip oscillator clock frequency
Remark 2.
fSUB: Subsystem clock frequency (XT1 clock oscillation frequency)
(TA = -40 to +105°C, 1.6 V ≤ EVDD0 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = 0 V)
(2/4)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply
current
Note 1
IDD1
Operating
mode
Subsystem
clock operation
mode
fSUB = 32.768 kHzNote 2,
Low-speed on-chip
oscillator operation
Normal
operation
TA = -40°C
3.2
5.5
µA
TA = +25°C
3.5
5.8
TA = +50°C
3.8
8.5
TA = +70°C
4.4
13.8
TA = +85°C
5.3
22.1
TA = +105°C
7.7
40.9
fSUB = 32.768 kHzNote 3,
Square wave input
Normal
operation
TA = -40°C
3.2
5.6
µA
TA = +25°C
3.4
5.7
TA = +50°C
3.7
8.5
TA = +70°C
4.3
13.7
TA = +85°C
5.2
21.4
TA = +105°C
7.6
39.0
fSUB = 32.768 kHzNote 3,
Resonator connection
Normal
operation
TA = -40°C
3.2
5.2
µA
TA = +25°C
3.4
5.4
TA = +50°C
3.7
7.7
TA = +70°C
4.3
13.4
TA = +85°C
5.2
20.9
TA = +105°C
7.7
38.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com