công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100GGL2DFB bảng dữ liệu(PDF) 63 Page - Renesas Technology Corp

tên linh kiện R7F100GGL2DFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GGL2DFB bảng dữ liệu(HTML) 63 Page - Renesas Technology Corp

Back Button R7F100GGL2DFB Datasheet HTML 59Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 60Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 61Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 62Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 63Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 64Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 65Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 66Page - Renesas Technology Corp R7F100GGL2DFB Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 183 page
background image
RL78/G23
1. Outline
R01DS0395EJ0140 Rev.1.40
Page 63 of 177
Oct 31, 2025
[52- to 128-pin products]
Caution
This outline describes the functions at the time when the peripheral I/O redirection register (PIOR) is
set to 00H.
(1/3)
Item
52-pin
64-pin
80-pin
100-pin
128-pin
R7F100GJx
R7F100GLx
R7F100GMx
R7F100GPx
R7F100GSx
Code flash memory
96 to 768 KB
96 to 768 KB
128 to 768 KB
128 to 768 KB
256 to 768 KB
Data flash memory
8 KB
8 KB
8 KB
8 KB
8 KB
RAM
12 to 48 KB
12 to 48 KB
16 to 48 KB
16 to 48 KB
24 to 48 KB
Address space
1 MB
CPU/
peripheral
hardware
clock
frequency
(fCLK)
Main system clock
HS (high-speed main) mode: 1 to 32 MHz (VDD = 1.8 to 5.5 V)
HS (high-speed main) mode: 1 to 4 MHzNote 1 (VDD = 1.6 to 5.5 V)
LS (low-speed main) mode: 1 to 24 MHz (VDD = 1.8 to 5.5 V)
LS (low-speed main) mode: 1 to 4 MHzNote 1 (VDD = 1.6 to 5.5 V)
LP (low-power main) mode: 1 to 2 MHzNote 2 (VDD = 1.6 to 5.5 V)
Subsystem clock
SUB mode: 32.768 kHz (VDD = 1.6 to 5.5 V)
Main
system
clock
High-speed system clock
(fMX)
1 to 20 MHz
High-speed on-chip
oscillator clock (fIH)
1 MHz, 2 MHz, 3 MHz, 4 MHz, 6 MHz, 8 MHz, 12 MHz, 16 MHz, 24 MHz, 32 MHz
Middle-speed on-chip
oscillator clock (fIM)
1 MHz, 2 MHz, 4 MHz
Subsystem
clock
Subsystem clock X (fSX)
32.768 kHz (VDD = 1.6 to 5.5 V)
Low-speed on-chip
oscillator clock (fIL)
32.768 kHz (typ.)
General-purpose registers
8 bits × 32 registers (8 bits × 8 registers × 4 banks)
Minimum instruction execution time
0.03125 µs (at the 32-MHz operation with the high-speed on-chip oscillator clock (fIH))
Instruction set
• Data transfer (8/16 bits)
• Adder and subtractor/logical operation (8/16 bits)
• Multiplication (8 bits × 8 bits, 16 bits × 16 bits), division (16 bits ÷ 16 bits, 32 bits ÷ 32 bits)
• Multiplication and accumulation (16 bits × 16 bits + 32 bits)
• Rotate, barrel shift, and bit manipulation (set, reset, test, and Boolean operation), etc.
I/O port
Total number of pins
48
58
74
92
120
CMOS I/O
40
(N-ch open-
drain I/O [VDD
withstand
voltage]: 15)
50
(N-ch open-
drain I/O [EVDD
withstand
voltage]:
22Note 3/
18Note 4)
66
(N-ch open-
drain I/O [EVDD
withstand
voltage]: 27)
84
(N-ch open-
drain I/O [EVDD
withstand
voltage]: 31)
112
(N-ch open-drain
I/O [EVDD
withstand
voltage]: 33)
CMOS input
3
3
3
3
3
CMOS output
1
1
1
1
1
N-ch open-drain I/O
(withstand voltage: 6 V)
44
4
4
4
Controlled current drive port 8
8
8
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com