| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OTPL80FD bảng dữ liệu(PDF) 137 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OTPL80FD bảng dữ liệu(HTML) 137 Page - ABB |
|
137 / 192 page ![]() Terminal clamp sets for Al- and Cu-cables for IEC versions Suitable for switches Cable cross section Suitable shroud type Terminal clamp type Order code Units/ type Weight/ unit mm² pcs kg OZXB type Al/Cu connectors made of stainless steel OT2000…2500E 95…185 OTS2500_L OZXB3 1SCA022136R8100 3 1.28 95…185 OTS2500_L OZXB3/1 1SCA022194R0620 1 0.13 2x(95…185) OTS2500_L OZXB4 1SCA022137R4760 3 1.71 2x(95…185) OTS2500_L OZXB4/1 1SCA022194R0890 1 0.60 120…300 OTS2500_L OZXB5 1SCA022137R2470 3 2.22 120…300 OTS2500_L OZXB5/1 1SCA022194R1010 1 0.80 2x(120…300) OTS2500_L OZXB6 1SCA022137R4920 3 3.03 2x(120…300) OTS2500_L OZXB6/1 1SCA022194R1270 1 1.00 120…240 OTS2500_L OZXB7L 1SCA022185R7130 3 1.20 120...240 OTS2500_L OZXB7L/1 1SCA022194R1600 1 0.39 OT3200...4000E, OT1600...2000U 95…185 OTS4000_L OZXB3 1SCA022136R8100 3 1.28 95…185 OTS4000_L OZXB3/1 1SCA022194R0620 1 0.13 2x(95…185) OTS4000_L OZXB4 1SCA022137R4760 3 0.43 2x(95…185) OTS4000_L OZXB4/1 1SCA022194R0890 1 0.60 120…300 OTS4000_L OZXB5 1SCA022137R2470 3 2.22 120…300 OTS4000_L OZXB5/1 1SCA022194R1010 1 0.80 2x(120…300) OTS4000_L OZXB6 1SCA022137R4920 3 3.03 2x(120…300) OTS4000_L OZXB6/1 1SCA022194R1270 1 1.00 120…240 OTS4000_L OZXB7L 1SCA022185R7130 3 1.20 120...240 OTS4000_L OZXB7L/1 1SCA022194R1600 1 0.39 OZXR type Al/Cu connectors made of stainless steel and copper OT160EV...250E, OT200U 25...95 OTS250_L OZXR95 1SCA115530R1001 3 0.21 OT160200...250E, OT200U 95…185 OTS250_L OZXR185 1SCA115531R1001 3 0.45 OT315...400E, OT400U 2x(95…185) - OZXR2X185 1SCA115534R1001 3 0.66 185...300 - OZXR300 1SCA115533R1001 3 0.87 OT630...800E, OT600U 2x(185...300) - OZXR2X300 1SCA115535R1001 3 1.59 OT315...400E, OT400U 95...240 OTS400_L OZXR240 1SCA115532R1001 3 0.42 OZXP type Al/Cu connectors made of tin plated aluminium profile OT160EV...250E, OT200U 6...95 OTS250_L OZXP95 1SCA115539R1001 3 0.03 OT315...400E, OT400U 35...240 OTS400_L OZXP240 1SCA115542R1001 3 0.27 OT630...800E, OT600U 2x(70...240) OTS800_L OZXP2X240 1SCA115544R1001 3 1.38 — Accessories for manual switch-disconnectors OT160...4000 Ordering information for terminal clamps OZXR95 OZXB3 OZXB4 OZXR2X185 OZXR2X300 OZXR185 OZXR240 OZXR300 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 137 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 137 |