| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OTPL80FD bảng dữ liệu(PDF) 175 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OTPL80FD bảng dữ liệu(HTML) 175 Page - ABB |
|
175 / 192 page ![]() OTS1600G1L OTS1600G1S OTS4000G1S/4 OTS4000G1S/3 OTS2500G1S OTS125T1 — Terminal shrouds for OTM switches, snap-on mounting, transparent Suitable for switches Type Order code Weight/unit kg OTM40…125, 3 pole OTS125T3 1SCA022379R9680 0.01 OTM40...125, for fourth pole OTS125T1 1SCA022379R9760 0.01 — Terminal shrouds for OTM switches, snap-on mounting, grey Pack of single pole shrouds, IP3X. Suitable for switches Description Type Order code Units/ type Weight/ unit pcs kg For 3-pole OTM switches OTM160...250 Long type OTS250G1L/3 1SCA022731R8150 3 0.09 Short type OTS250G1S/3 1SCA022731R8310 3 0.06 OTM315…400 Long type OTS400G1L/3 1SCA022736R8840 3 0.15 Short type OTS400G1S/3 1SCA022736R9060 3 0.09 OTM630…800 Long type OTS800G1L/3 1SCA022776R7890 3 0.32 Short type OTS800G1S/3 1SCA022776R8190 3 0.17 OTM1000...1600 Long type OTS1600G1L/3 1SCA022871R9510 3 0.60 Short type OTS1600G1S/3 1SCA022871R9600 3 0.40 OTM2000…2500 Long type OTS2500G1L/3 1SCA107261R1001 3 1.00 Short type OTS2500G1S/3 1SCA107260R1001 3 0.50 OTM3200…4000 Long type OTS4000G1L/3 1SCA129042R1001 3 1.0 Short type OTS4000G1S/3 1SCA129044R1001 3 1.2 For 4-pole OTM switches OTM160...250 Long type OTS250G1L/4 1SCA022731R8230 4 0.12 Short type OTS250G1S/4 1SCA022731R8400 4 0.08 OTM315…400 Long type OTS400G1L/4 1SCA022736R9490 4 0.20 Short type OTS400G1S/4 1SCA022736R9650 4 0.12 OTM630…800 Long type OTS800G1L/4 1SCA022776R7970 4 0.42 Short type OTS800G1S/4 1SCA022776R8270 4 0.26 OTM1000...1600 Long type OTS1600G1L/4 1SCA022871R9780 4 0.80 Short type OTS1600G1S/4 1SCA022871R9860 4 0.50 OTM2000…2500 Long type OTS2500G1L/4 1SCA107262R1001 4 1.30 Short type OTS2500G1S/4 1SCA107271R1001 4 0.70 OTM3200…4000 Long type OTS4000G1L/4 1SCA129043R1001 4 1.4 Short type OTS4000G1S/4 1SCA129045R1001 4 1.6 OTS400G1S OTS800G1S OTS2500G1L OTS125T3 — Accessories for motorized switch-disconnectors Ordering information for terminal shrouds ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 175 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 175 |