| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRA752ABC bảng dữ liệu(PDF) 107 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA752ABC bảng dữ liệu(HTML) 107 Page - Texas Instruments |
|
107 / 443 page ![]() 107 DRA756, DRA755, DRA754, DRA752 DRA751, DRA750, DRA746, DRA745, DRA744 www.ti.com SPRS950F – DECEMBER 2015 – REVISED MAY 2019 Submit Documentation Feedback Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-7. EMIF Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL ddr1_a8 EMIF1 Address Bus O AF22 ddr1_a9 EMIF1 Address Bus O AE22 ddr1_a10 EMIF1 Address Bus O AD21 ddr1_a11 EMIF1 Address Bus O AD22 ddr1_a12 EMIF1 Address Bus O AC21 ddr1_a13 EMIF1 Address Bus O AF18 ddr1_a14 EMIF1 Address Bus O AE17 ddr1_a15 EMIF1 Address Bus O AD18 ddr1_d0 EMIF1 Data Bus IO AF25 ddr1_d1 EMIF1 Data Bus IO AF26 ddr1_d2 EMIF1 Data Bus IO AG26 ddr1_d3 EMIF1 Data Bus IO AH26 ddr1_d4 EMIF1 Data Bus IO AF24 ddr1_d5 EMIF1 Data Bus IO AE24 ddr1_d6 EMIF1 Data Bus IO AF23 ddr1_d7 EMIF1 Data Bus IO AE23 ddr1_d8 EMIF1 Data Bus IO AC23 ddr1_d9 EMIF1 Data Bus IO AF27 ddr1_d10 EMIF1 Data Bus IO AG27 ddr1_d11 EMIF1 Data Bus IO AF28 ddr1_d12 EMIF1 Data Bus IO AE26 ddr1_d13 EMIF1 Data Bus IO AC25 ddr1_d14 EMIF1 Data Bus IO AC24 ddr1_d15 EMIF1 Data Bus IO AD25 ddr1_d16 EMIF1 Data Bus IO V20 ddr1_d17 EMIF1 Data Bus IO W20 ddr1_d18 EMIF1 Data Bus IO AB28 ddr1_d19 EMIF1 Data Bus IO AC28 ddr1_d20 EMIF1 Data Bus IO AC27 ddr1_d21 EMIF1 Data Bus IO Y19 ddr1_d22 EMIF1 Data Bus IO AB27 ddr1_d23 EMIF1 Data Bus IO Y20 ddr1_d24 EMIF1 Data Bus IO AA23 ddr1_d25 EMIF1 Data Bus IO Y22 ddr1_d26 EMIF1 Data Bus IO Y23 ddr1_d27 EMIF1 Data Bus IO AA24 ddr1_d28 EMIF1 Data Bus IO Y24 ddr1_d29 EMIF1 Data Bus IO AA26 ddr1_d30 EMIF1 Data Bus IO AA25 ddr1_d31 EMIF1 Data Bus IO AA28 ddr1_ecc_d0 EMIF1 ECC Data Bus (1) IO W22 ddr1_ecc_d1 EMIF1 ECC Data Bus (1) IO V23 ddr1_ecc_d2 EMIF1 ECC Data Bus (1) IO W19 ddr1_ecc_d3 EMIF1 ECC Data Bus (1) IO W23 ddr1_ecc_d4 EMIF1 ECC Data Bus (1) IO Y25 ddr1_ecc_d5 EMIF1 ECC Data Bus (1) IO V24 ddr1_ecc_d6 EMIF1 ECC Data Bus (1) IO V25 |