công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2N7002LDBVR bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện 2N7002LDBVR
Giải thích chi tiết về linh kiện  2N7002L 6V N-channel MOSFET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

2N7002LDBVR bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button 2N7002LDBVR Datasheet HTML 5Page - Texas Instruments 2N7002LDBVR Datasheet HTML 6Page - Texas Instruments 2N7002LDBVR Datasheet HTML 7Page - Texas Instruments 2N7002LDBVR Datasheet HTML 8Page - Texas Instruments 2N7002LDBVR Datasheet HTML 9Page - Texas Instruments 2N7002LDBVR Datasheet HTML 10Page - Texas Instruments 2N7002LDBVR Datasheet HTML 11Page - Texas Instruments 2N7002LDBVR Datasheet HTML 12Page - Texas Instruments 2N7002LDBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The 2N7002L device can be used in level-translation applications for interfacing between devices or systems
that are operating at different interface voltages. In the below example, the System Controller drives the gate of
the 2N7002L. When the controller outputs a high logic level, the MOSFET turns on and pulls the EN pin of the
system device low. When the controller output is low, the MOSTFET turns off and the pull-up resistor brings the
EN pin high to 5V. This creates a open-drain style interface for level shifting or for driving enable signals at a
higher voltage than the controller's logic domain.
7.2 Typical Applications
D
G
S
System
Controller
System
EN
5V
2N7002L
Figure 7-1. Typical Application using 2N7002L
7.2.1 Design Requirements
For proper operation of the 2N7002L, the design must remain within the limits defined in the Absolute Maximum
Ratings and Electrical Characteristics tables.
7.2.2 Detailed Design Procedure
Designing with the 2N7002L requires selecting appropriate operating conditions for gate drive, load current,
and switching behavior while ensuring all parameters remain within the limits defined in the Absolute Maximum
Ratings and Electrical Characteristics tables.
1. Select the operating VDS: ensure the supply voltage applied to the drain does not exceed the abs max
ratings.
2. Choose a valid VGS: use a logic-level gate voltage that falls within the recommended VGS limits.
3. Confirm load current capability: make sure the drain current is within the device's continuous current and
thermal capabilities.
4. Check switching capabilities: verify that the gate-drive strength and switching frequency are compatible with
the device's gate charge and capacitances.
www.ti.com
2N7002L
SLVSJE8A – DECEMBER 2025 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: 2N7002L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com