| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM641 bảng dữ liệu(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM641 bảng dữ liệu(HTML) 28 Page - Texas Instruments |
|
28 / 179 page ![]() Memory Map Summary 28 June 2003 − Revised October 2005 SPRS222E 1.7 Memory Map Summary Table 1−5 shows the memory map address ranges of the DM641/DM640 device. Internal memory is always located at address 0 and can be used as both program and data memory. The external memory address ranges in the DM641/DM640 device begin at the hex address location 0x8000 0000 for EMIFA. Table 1−5. TMS320DM641/DM640 Memory Map Summary MEMORY BLOCK DESCRIPTION BLOCK SIZE (BYTES) HEX ADDRESS RANGE Internal RAM (L2) 128K 0000 0000 – 0001 FFFF Reserved 768K 0004 0000 – 000F FFFF Reserved 23M 0010 0000 – 017F FFFF External Memory Interface A (EMIFA) Registers 256K 0180 0000 – 0183 FFFF L2 Registers 256K 0184 0000 – 0187 FFFF HPI Registers (DM641 only)† 256K 0188 0000 – 018B FFFF McBSP 0 Registers 256K 018C 0000 – 018F FFFF McBSP 1 Registers 256K 0190 0000 – 0193 FFFF Timer 0 Registers 256K 0194 0000 – 0197 FFFF Timer 1 Registers 256K 0198 0000 – 019B FFFF Interrupt Selector Registers 256K 019C 0000 – 019F FFFF EDMA RAM and EDMA Registers 256K 01A0 0000 – 01A3 FFFF Reserved 512K 01A4 0000 – 01AB FFFF Timer 2 Registers 256K 01AC 0000 – 01AF FFFF GP0 Registers 256K − 4K 01B0 0000 – 01B3 EFFF Device Configuration Registers 4K 01B3 F000 – 01B3 FFFF I2C0 Data and Control Registers 16K 01B4 0000 – 01B4 3FFF Reserved 32K 01B4 4000 – 01B4 BFFF McASP0 Control Registers 16K 01B4 C000 – 01B4 FFFF Reserved 192K 01B5 0000 – 01B7 FFFF Reserved 256K 01B8 0000 – 01BB FFFF Emulation 256K 01BC 0000 – 01BF FFFF Reserved 256K 01C0 0000 – 01C3 FFFF VP0 Control 16K 01C4 0000 – 01C4 3FFF VP1 Control (DM641 only)† 16K 01C4 4000 – 01C4 7FFF Reserved 32K 01C4 8000 – 01C4 FFFF Reserved 192K 01C5 0000 – 01C7 FFFF EMAC Control 4K 01C8 0000 – 01C8 0FFF EMAC Wrapper 8K 01C8 1000 – 01C8 2FFF EWRAP Registers 2K 01C8 3000 – 01C8 37FF MDIO Control Registers 2K 01C8 3800 – 01C8 3FFF Reserved 3.5M 01C8 4000 – 01FF FFFF QDMA Registers 52 0200 0000 – 0200 0033 Reserved 928M – 52 0200 0034 – 2FFF FFFF McBSP 0 Data 64M 3000 0000 – 33FF FFFF † For the DM640 device, these memory address locations are reserved.The DM640 device does not support the HPI and VP1 peripherals. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |