| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM641 bảng dữ liệu(PDF) 72 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM641 bảng dữ liệu(HTML) 72 Page - Texas Instruments |
|
72 / 179 page ![]() Device Configurations 72 June 2003 − Revised October 2005 SPRS222E 2.3 Peripheral Configuration Lock By default, the McASP0, VP0, VP1 [DM641 only], and I2C peripherals are disabled on power up. In order to use these peripherals on the DM641/DM640 device, the peripheral must first be enabled in the Peripheral Configuration register (PERCFG). Software muxed pins should not be programmed to switch functionalities during run-time. Care should also be taken to ensure that no accesses are being performed before disabling the peripherals. To help minimize power consumption in the DM641/DM640 device, unused peripherals may be disabled. Figure 2−3 shows the flow needed to enable (or disable) a given peripheral on the DM641/DM640 devices. Unlock the PERCFG Register Using the PCFGLOCK Register Write to PERCFG Register to Enable/Disable Peripherals Read from PERCFG Register Wait 128 CPU Cycles Before Accessing Enabled Peripherals Figure 2−3. Peripheral Enable/Disable Flow Diagram A 32-bit key (value = 0x10C0010C) must be written to the Peripheral Configuration Lock register (PCFGLOCK) in order to unlock access to the PERCFG register. Reading the PCFGLOCK register determines whether the PERCFG register is currently locked (LOCKSTAT bit = 1) or unlocked (LOCKSTAT bit = 0), see Figure 2−4. A peripheral can only be enabled when the PERCFG register is “unlocked” (LOCKSTAT bit = 0). |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |