công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM641 bảng dữ liệu(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM641
Giải thích chi tiết về linh kiện  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 bảng dữ liệu(HTML) 68 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 64Page - Texas Instruments TMS320DM641 Datasheet HTML 65Page - Texas Instruments TMS320DM641 Datasheet HTML 66Page - Texas Instruments TMS320DM641 Datasheet HTML 67Page - Texas Instruments TMS320DM641 Datasheet HTML 68Page - Texas Instruments TMS320DM641 Datasheet HTML 69Page - Texas Instruments TMS320DM641 Datasheet HTML 70Page - Texas Instruments TMS320DM641 Datasheet HTML 71Page - Texas Instruments TMS320DM641 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 179 page
background image
Device Configurations
68
June 2003 − Revised October 2005
SPRS222E
2
Device Configurations
On the DM641/DM640 device, bootmode and certain device configurations/peripheral selections are
determined at device reset, while other device configurations/peripheral selections are software-configurable
via the peripheral configurations register (PERCFG) [address location 0x01B3F000] after device reset.
2.1
Configurations at Reset
For proper device operation; the following external pins must be configured correctly:
•
For proper DM641 device operation, the HD5 [pin Y1] at device reset must be pulled down via a 10-kΩ
resistor.
•
For proper DM641/DM640 device operation, the reserved (RSV) [E2] pin at device reset must be pulled
down via a 10-kΩ resistor.
•
For proper DM641/DM640 device operation, the GP0[0] [pin M5] (IPD) must remain low at device reset.
2.1.1
Peripheral Selection at Device Reset
On the DM641/DM640 devices there are NO peripherals sharing the same pins (internally muxed, yet mutually
exclusive) that are controlled via external pins.
•
EMAC and MDIO peripherals
The MAC_EN pin is latched at reset. This pin determines specific peripheral selection, summarized in
Table 2−1.
Table 2−1. MAC_EN Peripheral Selection (EMAC and MDIO)
PERIPHERAL SELECTION
PERIPHERALS SELECTED
MAC_EN
Pin [C5]
HPI Data
(16-Bit) [DM641 Only]
EMAC and MDIO
0
√
Disabled
1
√
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com