| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM641 bảng dữ liệu(PDF) 66 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM641 bảng dữ liệu(HTML) 66 Page - Texas Instruments |
|
66 / 179 page ![]() Development 66 June 2003 − Revised October 2005 SPRS222E DM64x DSP: 643 642 641 640 PREFIX DEVICE SPEED RANGE TMS 320 DM641 GDK 600 TMX = Experimental device TMP = Prototype device TMS = Qualified device SMX= Experimental device, MIL SMJ = MIL-PRF-38535, QML SM = High Rel (non-38535) DEVICE FAMILY 320 = TMS320t DSP family PACKAGE TYPE‡§ GDK = 548-pin plastic BGA GNZ = 548-pin plastic BGA ZDK = 548-pin plastic BGA, with Pb-free soldered balls ZNZ = 548-pin plastic BGA, with Pb-free soldered balls DEVICE¶ † The extended temperature “A version” devices may have different operating conditions than the commercial temperature devices. For more details, see the recommended operating conditions portion of this data sheet. ‡ BGA = Ball Grid Array § The ZDK and ZNZ mechanical package designators represent the version of the GDK and GNZ packages with Pb-free balls. For more detailed information, see the Mechanical Data section of this document. ¶ For actual device part numbers (P/Ns) and ordering information, see the TI website (www.ti.com). TEMPERATURE RANGE (DEFAULT: 0°C TO 90°C)† ( ) Blank = 0°C to 90°C, commercial temperature A= −40°C to 105°C, extended temperature 400 (400-MHz CPU, 100-MHz EMIF) 500 (500-MHz CPU, 100-MHz EMIF) 600 (600-MHz CPU, 133-MHz EMIF) Figure 1−7. TMS320DM64x™ DSP Device Nomenclature (Including the DM641 and DM640 Devices) 1.10.2.2 Documentation Support Extensive documentation supports all TMS320™ DSP family generations of devices from product announcement through applications development. The types of documentation available include: data sheets, such as this document, with design specifications; complete user’s reference guides for all devices and tools; technical briefs; development-support tools; on-line help; and hardware and software applications. The following is a brief, descriptive list of support documentation specific to the C6000™ DSP devices: The TMS320C6000 CPU and Instruction Set Reference Guide (literature number SPRU189) describes the C6000™ DSP CPU (core) architecture, instruction set, pipeline, and associated interrupts. The TMS320C6000 DSP Peripherals Overview Reference Guide (literature number SPRU190) provides an overview and briefly describes the functionality of the peripherals available on the C6000™ DSP platform of devices. This document also includes a table listing the peripherals available on the C6000 devices along with literature numbers and hyperlinks to the associated peripheral documents. The TMS320C64x Technical Overview (literature number SPRU395) gives an introduction to the C64x™ digital signal processor, and discusses the application areas that are enhanced by the C64x™ DSP VelociTI.2™ VLIW architecture. The TMS320C64x DSP Video Port/VCXO Interpolated Control (VIC) Port Reference Guide (literature number SPRU629) describes the functionality of the Video Port and VIC Port peripherals. The TMS320C6000 DSP Multichannel Audio Serial Port (McASP) Reference Guide (literature number SPRU041) describes the functionality of the McASP peripheral. TMS320C6000 DSP Inter-Integrated Circuit (I2C) Module Reference Guide (literature number SPRU175) describes the functionality of the I2C peripheral. TMS320C6000 DSP Ethernet Media Access Controller (EMAC)/ Management Data Input/Output (MDIO) Module Reference Guide (literature number SPRU628) describes the functionality of the EMAC and MDIO peripherals. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |