| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8309CVMADFC bảng dữ liệu(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8309CVMADFC bảng dữ liệu(HTML) 20 Page - NXP Semiconductors |
|
20 / 81 page ![]() MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3 20 Freescale Semiconductor Local Bus The following figure provides the AC test load for the local bus. Figure 7. Local Bus AC Test Load The following figures show the local bus signals. These figures has been given indicate timing parameters only and do not reflect actual functional operation of interface. Figure 8. Local Bus Signals Output Z0 = 50 OVDD/2 RL = 50 Output Signals: LBCTL/LBCKE/LOE tLBKHOV tLBKHOV LCLK[n] Input Signals: LAD[0:15] Output Signals: LAD[0:15] tLBIXKH tLBIVKH tLBKHOZ LALE Input Signal: LGTA tLBIXKH tLBIVKH tLBIXKH tLBOTOT tLALEHOV tLALETOT |