công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4525-MM5A005ASF bảng dữ liệu(PDF) 1 Page - TE Connectivity Ltd

tên linh kiện 4525-MM5A005ASF
Giải thích chi tiết về linh kiện  MS4525 SPECIFICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4525-MM5A005ASF bảng dữ liệu(HTML) 1 Page - TE Connectivity Ltd

  4525-MM5A005ASF Datasheet HTML 1Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 2Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 3Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 4Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 5Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 6Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 7Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 8Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SENSOR SOLUTIONS /// MS4525
04/2019
Page 1
MS4525
SPECIFICATIONS
PCB Mounted Pressure Transducers
Amplified Ratiometric Analog Output
Differential, Gage, Absolute, Compound, &
Vacuum
Temperature Compensated
3.3 or 5.0 VDC Supply Voltage
The MS4525 is a small, ceramic based, PCB mounted
pressure transducer from TE Connectivity. The transducer is
built using our
proprietary UltraStable™ process and the latest
CMOS sensor conditioning circuitry to create a low cost, high
performance transducer designed to meet the strictest
requirements from OEM customers.
The MS4525 is fully calibrated and temperature compensated
with a total error band (TEB) of less than 1.0% over the
compensated range. The sensor operates from single supply of
either 3.3 or 5.0VDC and requires a single external component for
proper operation.
The rugged ceramic transducer is available in side port, top port,
and manifold mount and can measure absolute, gage,
differential, or compound pressure fro
m 1 to 150psi. The 1/8”
barbed pressure ports mate securely with 3/32” ID tubing.
FEATURES
PSI Pressure Ranges
PCB Mountable
High Level Analog Output
Barbed Pressure Ports
APPLICATIONS
Blocked Filter Detection
Altitude and Airspeed Measurements
Medical Instruments
Fire Suppression System
Panel Meter
Air Movement/Environmental Controls
Pneumatic Controls


Số phần tương tự - 4525-MM5A005ASF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Corporation
4525 AMPHENOL-4525 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
logo
Heyco.
4525 HEYCO-4525 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Tyco Electronics
45250-2 MACOM-45250-2 Datasheet
1Mb / 8P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
45251-2 MACOM-45251-2 Datasheet
1Mb / 8P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
45252-2 MACOM-45252-2 Datasheet
1Mb / 8P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
More results

Mô tả tương tự - 4525-MM5A005ASF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AMETHERM Circuit Protec...
SM06103370 AMETHERM-SM06103370 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06154450 AMETHERM-SM06154450 Datasheet
97Kb / 2P
Electrical Specifications: Mechanical Specifications:
SM06223395-HT AMETHERM-SM06223395-HT Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06503395 AMETHERM-SM06503395 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06503410 AMETHERM-SM06503410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06623410 AMETHERM-SM06623410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08103350 AMETHERM-SM08103350 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08103370 AMETHERM-SM08103370 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08103395 AMETHERM-SM08103395 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08154410 AMETHERM-SM08154410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com