công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4525-MM5A005ASF bảng dữ liệu(PDF) 4 Page - TE Connectivity Ltd

tên linh kiện 4525-MM5A005ASF
Giải thích chi tiết về linh kiện  MS4525 SPECIFICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4525-MM5A005ASF bảng dữ liệu(HTML) 4 Page - TE Connectivity Ltd

  4525-MM5A005ASF Datasheet HTML 1Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 2Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 3Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 4Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 5Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 6Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 7Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 8Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MS4525
SENSOR SOLUTIONS /// MS4525
04/2019
Page 4
PERFORMANCE SPECIFICATIONS
Supply Voltage1: 5.0V or 3.3 VDC
Ambient Temperature: 25°C (unless otherwise specified)
PARAMETERS
MIN
TYP
MAX
UNITS
NOTES
Output
0.500
4.500
V
1,2,3
0.250
4.750
Accuracy
-0.25
0.25
%Span
2
Total Error Band (TEB)
-1.0
1.0
%Span
3,5
Supply Current
3
mA
5
Long Term Stability (Offset & Span)
±0.5
%Span
Compensated Temperature
-10
+85
ºC
4
Operating Temperature
-25
+105
ºC
Response Time
1
mS
5
Weight
3
grams
Start time to data ready
5
ms
Media
Non-Corrosive Dry Gases Compatible with Ceramic, Silicon, Borosilicate Glass,
RTV, Gold, Aluminum and Epoxy. See “Wetted Material by Port Designation” chart
below.
Notes
1. Proper operation requires an external capacitor placed as shown in Connection Diagram. Output is ratiometric to supply voltage
variations of less than 10%.
2. The maximum deviation from a best fit straight line (BFSL) fitted to the output measured over the pressure range at 25°C. Includes all
errors due to pressure non linearity, hysteresis, and non repeatability.
3. Total error band includes all accuracy errors, thermal errors over the compensated temperature range, and span and offset calibration
tolerances. For ideal sensor output with respect to input pressure, reference Pressure Transfer Function charts below. TEB values are
valid only at the calibrated supply voltage.
4. For errors beyond the compensated temperature range, see Extended Temperature Multiplier chart below.
5. This product can be configured for custom OEM requirements, contact factory for lower power consumption or higher accuracy.
6. Long term stability over a year period with constant voltage and temperature
7. Pressure connection: barbed ports are designed for use with tubing 3/32” ID, 60-70A durometer (PVC).
8. For details on environmental conditions and pressure type descriptions, reference to relative tables.
CONNECTION DIAGRAM
Notes:
1.
Place 100nF capacitor between Supply and GND to within 2 cm of sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com