công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4525-MM5A005ASF bảng dữ liệu(PDF) 8 Page - TE Connectivity Ltd

tên linh kiện 4525-MM5A005ASF
Giải thích chi tiết về linh kiện  MS4525 SPECIFICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4525-MM5A005ASF bảng dữ liệu(HTML) 8 Page - TE Connectivity Ltd

Back Button 4525-MM5A005ASF Datasheet HTML 4Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 5Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 6Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 7Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 8Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 9Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 10Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 11Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MS4525
SENSOR SOLUTIONS /// MS4525
04/2019
Page 8
Pin Name
Pin
Function
SUPPLY
2
Positive Supply Voltage
OUTPUT
3
Analog Output
GND
4
Ground
1, 5-8
No Connection
Pressure Type Description
Pressure Type
Pmin
Pmax
Description
Absolute
0psiA
+Prange
Output is proportional to the difference between 0psiA (Pmin) and pressure applied
to Port 1.
Differential/
Bidirectional
-Prange
+Prange
Output is proportional to the difference between Port 1 and Port 2. Output swings
positive when Port 1> Port 2. Output is 50% of supply voltage when Port 1=Port 2.
Gage
0psiG
+Prange
Output is proportional to the difference between 0psiG (Pmin) and Port 1. Output
swings positive when Port 1> Port 2.
Compound
-15psiG
+Prange
Output is proportional to the difference between -15psiG pressure (Pmin) and
pressure applied to Port 1.
Vacuum
-15psiG
+0psiG
Output is inversely proportional to the difference between -15psiG (Pmin) and
pressure applied to Port 1.
Prange is equal to the maximum full scale pressure specified in the ordering information.
WETTED MATERIAL BY PORT DESIGNATION
Material
Style
Port
Ceramic
Silicon
Borosilicate Glass
RTV
Gold
Aluminum
Epoxy
DS, MM
Port 1
X
X
X
X
X
Port 2
X
X
X
X
X
X
X
SS, TP, SM
Port 1
X
X
X
X
X
X
X
"X" Indicates Wetted Material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com