công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4525-MM5A005ASF bảng dữ liệu(PDF) 16 Page - TE Connectivity Ltd

tên linh kiện 4525-MM5A005ASF
Giải thích chi tiết về linh kiện  MS4525 SPECIFICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4525-MM5A005ASF bảng dữ liệu(HTML) 16 Page - TE Connectivity Ltd

Back Button 4525-MM5A005ASF Datasheet HTML 8Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 9Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 10Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 11Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 12Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 13Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 14Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 15Page - TE Connectivity Ltd 4525-MM5A005ASF Datasheet HTML 16Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
MS4525
SENSOR SOLUTIONS /// MS4525
04/2019
Page 16
ORDERING INFORMATION
TE.com/sensorsolutions
Measurement Specialties, Inc., a TE Connectivity company.
Measurement Specialties, TE Connectivity, TE Connectivity (logo) and EVERY CONNECTION COUNTS are trademarks. All other logos, products and/or company names referred to herein
might be trademarks of their respective owners.
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes only, is believed to be reliable. However, TE Connectivity makes
no warranties as to its accuracy or completeness and disclaims any liability in connection with its use. TE Connectivity‘s obligations shall only be as set forth in TE Connectivity‘s Standard
Terms and Conditions of Sale for this product and in no case will TE Connectivity be liable for any incidental, indirect or consequential damages arising out of the sale, resale, use or misuse
of the product. Users of TE Connectivity products should make their own evaluation to determine the suitability of each such product for the specific application.
© 2015 TE Connectivity Ltd. family of companies All Rights Reserved.
NORTH AMERICA
Measurement Specialties, Inc.,
a TE Connectivity company
Tel: 1 800-522-6752
Email: customercare.frmt@te.com
EUROPE
Measurement Specialties (Europe), Ltd.,
a TE Connectivity Company
Tel: +31 73 624 6999
Email: customercare.bevx@te.com
ASIA
Measurement Specialties (China) Ltd.,
a TE Connectivity company
Tel: 86 0400-820-6015
Email: customercare.shzn@te.com
4525
– TP 3 A 030 C P F
Package Type
SS
Single Sideport
DS
Dual Sideport
TP
Top Port
MM
Manifold Mount
Option Type
F
Gel Coating
[Blank]
No Option
Pin Type
P
Thru Hole
S
J lead
L
In Line
C
Castellation
Supply Voltage
3
3.3VDC
5
5.0 VDC
Pressure Type
G
Gage
A
Absolute
D
Differential
C
Compound
V
Vacuum
Output Type
A
10% to 90%
B
5% to 95%
Pressure Range [psi]
001
002
005
015
030
050
100
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com