| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD36-24-23SE-059 bảng dữ liệu(PDF) 45 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD36-24-23SE-059 bảng dữ liệu(HTML) 45 Page - TE Connectivity Ltd |
|
45 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 45 ELECTRICAL CONNECTORS CONTACT SIZE(S) PART DESCRIPTION PART NUMBER WEDGE/ TPA 7 sz. 16 Recept., HD10, 9 way, gray, in-line, threaded rear, cavities H, J blocked HD14-9-96P-C016 N/A 16 Recept., HD10, 9 way, gray, in-line, threaded rear, E seal HD14-9-96PE N/A 16 Plug, HD10, 9 way, gray, non-threaded rear HD16-9-16S N/A 16 Plug, HD10, 9 way, black, threaded rear, J1939 HD16-9-1939S N/A 16 Plug, HD10, 9 way, green, threaded rear, J1939 type II HD16-9-1939S-P080 N/A 16 Plug, HD10, 9 way, black, threaded rear, J1939, E seal HD16-9-1939SE N/A 16 Plug, HD10, 9 way, green, threaded rear, J1939 type II, E seal HD16-9-1939SE-P080 N/A 16 Plug, HD10, 9 way, gray, threaded rear HD16-9-96S N/A 7 sz. 16 Plug, HD10, 9 way, gray, threaded rear, cavities H, J blocked HD16-9-96S-C016 N/A 16 Plug, HD10, 9 way, black, threaded rear, no coupling ring, J1939 HD17-9-1939S N/A 16 Plug, HD10, 9 way, green, threaded rear, no coupling ring, J1939 type II HD17-9-1939S-P080 N/A 16 Plug, HD10, 9 way, black, threaded rear, no coupling ring, J1939, E seal HD17-9-1939SE N/A 16 Plug, HD10, 9 way, green, threaded rear, no coupling ring, J1939 type II, E seal HD17-9-1939SE-P080 N/A HD30 Series 6 sz. 12, 2 sz. 8 1 sz. 4 Recept., HD30, 24 shell, 9 way, N seal HD34-24-9PN N/A 6 sz. 12, 2 sz. 8 1 sz. 4 Recept., HD30, 24 shell, 9 way, N seal, cable clamp HD34-24-9PN-059 N/A 6 sz. 12, 2 sz. 8 1 sz. 4 Recept., HD30, 24 shell, 9 way, N seal, adapter HD34-24-9PN-072 N/A 6 sz. 12, 2 sz. 8 1 sz. 4 Recept., HD30, 24 shell, 9 way, N seal, reverse HD34-24-9SN N/A 6 sz. 12, 2 sz. 8 1 sz. 4 Recept., HD30, 24 shell, 9 way, N seal, reverse, cable clamp HD34-24-9SN-059 N/A 6 sz. 12, 2 sz. 8 1 sz. 4 Recept., HD30, 24 shell, 9 way, N seal, reverse, adapter HD34-24-9SN-072 N/A 5 sz. 16, 2 sz. 12, 2 sz. 8 Recept., HD30, 24 shell, 9 way, E seal, HDBox arrangement HD34-24-91PE N/A 5 sz. 16, 2 sz. 12, 2 sz. 8 Recept., HD30, 24 shell, 9 way, E seal, HDBox arrangement, cable clamp HD34-24-91PE-059 N/A 5 sz. 16, 2 sz. 12, 2 sz. 8 Recept., HD30, 24 shell, 9 way, E seal, HDBox arrangement, adapter HD34-24-91PE-072 N/A 5 sz. 16, 2 sz. 12, 2 sz. 8 Recept., HD30, 24 shell, 9 way, N seal, HDBox arrangement HD34-24-91PN N/A |