| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD36-24-23SE-059 bảng dữ liệu(PDF) 40 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD36-24-23SE-059 bảng dữ liệu(HTML) 40 Page - TE Connectivity Ltd |
|
40 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 40 ELECTRICAL CONNECTORS CONTACT SIZE(S) PART DESCRIPTION PART NUMBER WEDGE/ TPA 16 Plug, DT, 8 way, A key, gray DT06-08SA W8S 16 Plug, DT, 8 way, A key, gray, reduced dia. seals DT06-08SA-C015 W8S 16 Plug, DT, 8 way, A key, gray, solid rear grommet DT06-08SA-C017 Included 16 Plug, DT, 8 way, A key, gray, reduced dia. seals, end cap DT06-08SA-CE01 W8S 16 Plug, DT, 8 way, A key, gray, reduced dia. seals, shrink boot adapter DT06-08SA-CE04 W8S 16 Plug, DT, 8 way, A key, gray, enhanced seal ret., reduced dia. seals, end cap DT06-08SA-CE05 W8S-P012 16 Plug, DT, 8 way, A key, gray, enhanced seal ret., reduced dia. seals DT06-08SA-CE06 W8S-P012 16 Plug, DT, 8 way, A key, black, enhanced seal ret., reduced dia. seals DT06-08SA-CE10 W8S-P012 16 Plug, DT, 8 way, A key, black, enhanced seal ret., reduced dia. seals, end cap DT06-08SA-CE11 W8S-P012 16 Plug, DT, 8 way, A key, black, enhanced seal ret., reduced dia. seals, shrink boot adapter DT06-08SA-CE12 W8S-P012 16 Plug, DT, 8 way, A key, gray, enhanced seal ret., reduced dia. seals, shrink boot adapter DT06-08SA-CE13 W8S-P012 16 Plug, DT, 8 way, A key, gray, end cap DT06-08SA-E003 W8S 16 Plug, DT, 8 way, A key, black, end cap DT06-08SA-E005 W8S 16 Plug, DT, 8 way, A key, gray, shrink boot adapter DT06-08SA-E008 W8S 16 Plug, DT, 8 way, A key, gray, enhanced seal ret., end cap DT06-08SA-EP06 W8S-P012 16 Plug, DT, 8 way, A key, black, enhanced seal ret. DT06-08SA-EP07 W8S-P012 16 Plug, DT, 8 way, A key, black, enhanced seal ret., end cap DT06-08SA-EP08 W8S-P012 16 Plug, DT, 8 way, A key, gray, enhanced seal ret. DT06-08SA-P012 W8S-P012 16 Plug, DT, 8 way, B key, black DT06-08SB W8S 16 Plug, DT, 8 way, B key, black, reduced dia. seals DT06-08SB-C015 W8S 16 Plug, DT, 8 way, B key, black, solid rear grommet DT06-08SB-C017 Included 16 Plug, DT, 8 way, B key, black, reduced dia. seals, end cap DT06-08SB-CE01 W8S 16 Plug, DT, 8 way, B key, black, enhanced seal ret., reduced dia. seals, end cap DT06-08SB-CE05 W8S-P012 16 Plug, DT, 8 way, B key, black, enhanced seal ret., reduced dia. seals DT06-08SB-CE06 W8S-P012 16 Plug, DT, 8 way, B key, black, enhanced seal ret., end cap DT06-08SB-EP06 W8S-P012 16 Plug, DT, 8 way, B key, black, enhanced seal ret. DT06-08SB-P012 W8S-P012 16 Plug, DT, 8 way, C key, green DT06-08SC W8S 16 Plug, DT, 8 way, C key, green, reduced dia. seals DT06-08SC-C015 W8S 16 Plug, DT, 8 way, C key, green, solid rear grommet DT06-08SC-C017 Included 16 Plug, DT, 8 way, C key, green, reduced dia. seals, end cap DT06-08SC-CE01 W8S 16 Plug, DT, 8 way, C key, green, enhanced seal ret., reduced dia. seals, end cap DT06-08SC-CE05 W8S-P012 |