| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD36-24-23SE-059 bảng dữ liệu(PDF) 38 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD36-24-23SE-059 bảng dữ liệu(HTML) 38 Page - TE Connectivity Ltd |
|
38 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 38 ELECTRICAL CONNECTORS CONTACT SIZE(S) PART DESCRIPTION PART NUMBER WEDGE/ TPA 1.3 mm Header, AMPSEAL, 8 way, B key, natural, 90° molded gold pins, PCB mount, without seal 1-776279-2 N/A 1.3 mm Header, AMPSEAL, 8 way, B key, natural, 90° molded gold pins, PCB mount, with seal 1-776280-2 N/A 1.3 mm Plug, AMPSEAL, 8 way, A key, black 776286-1 Included 1.3 mm Plug, AMPSEAL, 8 way, B key, natural 776286-2 Included AMPSEAL 16 1.58 mm Cap, AMPSEAL 16, 8 way, A key, black, red PLR, standard dia. seal 776495-1 Included 1.58 mm Cap, AMPSEAL 16, 8 way, A key, black, red PLR, standard dia. seal, reverse mount 1717676-1 Included 1.58 mm Cap, AMPSEAL 16, 8 way, A key, black, red PLR, reduced dia. seal 776538-1 Included 1.58 mm Cap, AMPSEAL 16, 8 way, A key, black, red PLR, reduced dia. seal, reverse mount 1871415-1 Included 1.58 mm Cap, AMPSEAL 16, 8 way, B key, black, gray PLR, standard dia. seal 776495-2 Included 1.58 mm Cap, AMPSEAL 16, 8 way, B key, black, gray PLR, standard dia. seal, reverse mount 1717676-2 Included 1.58 mm Cap, AMPSEAL 16, 8 way, B key, black, gray PLR, reduced dia. seal 776538-2 Included 1.58 mm Cap, AMPSEAL 16, 8 way, B key, black, gray PLR, reduced dia. seal, reverse mount 1871415-2 Included 1.58 mm Cap, AMPSEAL 16, 8 way, C key, black, yellow PLR, standard dia. seal 776495-3 Included 1.58 mm Cap, AMPSEAL 16, 8 way, C key, black, yellow PLR, standard dia. seal, reverse mount 1717676-3 Included 1.58 mm Cap, AMPSEAL 16, 8 way, C key, black, yellow PLR, reduced dia. seal 776538-3 Included 1.58 mm Cap, AMPSEAL 16, 8 way, C key, black, yellow PLR, reduced dia. seal, reverse mount 1871415-3 Included 1.58 mm Cap, AMPSEAL 16, 8 way, D key, black, green PLR, standard dia. seal 776495-4 Included 1.58 mm Cap, AMPSEAL 16, 8 way, D key, black, green PLR, reduced dia. seal 776538-4 Included 1.58 mm Plug, AMPSEAL 16, 8 way, A key, black, red PLR, standard dia. seal 776494-1 Included 1.58 mm Plug, AMPSEAL 16, 8 way, A key, black, red PLR, reduced dia. seal 776532-1 Included 1.58 mm Plug, AMPSEAL 16, 8 way, B key, black, gray PLR, standard dia. seal 776494-2 Included 1.58 mm Plug, AMPSEAL 16, 8 way, B key, black, gray PLR, reduced dia. seal 776532-2 Included 1.58 mm Plug, AMPSEAL 16, 8 way, C key, black, yellow PLR, standard dia. seal 776494-3 Included 1.58 mm Plug, AMPSEAL 16, 8 way, C key, black, yellow PLR, reduced dia. seal 776532-3 Included 1.58 mm Plug, AMPSEAL 16, 8 way, D key, black, green PLR, standard dia. seal 776494-4 Included 1.58 mm Plug, AMPSEAL 16, 8 way, D key, black, green PLR, reduced dia. seal 776532-4 Included DT Series 16 Recept., DT, 8 way, A key, gray DT04-08PA W8P 16 Recept., DT, 8 way, A key, gray, reduced dia. seals DT04-08PA-C015 W8P 16 Recept., DT, 8 way, A key, gray, reduced dia. seals, end cap DT04-08PA-CE01 W8P |