| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD36-24-23SE-059 bảng dữ liệu(PDF) 34 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD36-24-23SE-059 bảng dữ liệu(HTML) 34 Page - TE Connectivity Ltd |
|
34 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 34 ELECTRICAL CONNECTORS CONTACT SIZE(S) PART DESCRIPTION PART NUMBER WEDGE/ TPA 16 Plug, DT, 6 way, black, reduced dia. seals DT06-6S-CE02 W6S 16 Plug, DT, 6 way, black, enhanced seal ret., reduced dia. seals, end cap DT06-6S-CE05 W6S-P012 16 Plug, DT, 6 way, black, enhanced seal ret., reduced dia. seals DT06-6S-CE06 W6S-P012 16 Plug, DT, 6 way, black, enhanced seal ret., reduced dia. seals, shrink boot adapter DT06-6S-CE13 W6S-P012 16 Plug, DT, 6 way, gray, end cap DT06-6S-E003 W6S 16 Plug, DT, 6 way, black DT06-6S-E004 W6S 16 Plug, DT, 6 way, black, end cap DT06-6S-E005 W6S 16 Plug, DT, 6 way, black, enhanced seal ret., end cap DT06-6S-EP06 W6S-P012 16 Plug, DT, 6 way, black, enhanced seal ret., shrink boot adapter DT06-6S-EP11 W6S-P012 16 Plug, DT, 6 way, black, enhanced seal ret. DT06-6S-P012 W6S-P012 DT13/15 Series 16 Recept., DT13, 6 way, gray, 90° molded pins, PCB mount DT13-6P N/A 16 Recept., DT13, 6 way, gray, 90° molded gold pins, PCB mount DT13-6P-G003 N/A 16 Recept., DT15, 6 way, gray, 180° molded pins, PCB mount DT15-6P N/A 16 Recept., DT15, 6 way, gray, 180° molded gold pins, PCB mount DT15-6P-G003 N/A 16 Recept., DT15, 6 way, gray, 180° molded gold pins, PCB mount, 5 P.S.I. DT15-6P-GP01 N/A DT16 Series 16 Plug, DT16, 6 way, green, end cap DT16-6S-KP01 N/A 16 Plug, DT16, 6 way, A key, gray, end cap DT16-6SA-KP01 N/A 16 Plug, DT16, 6 way, B key, black, end cap DT16-6SB-KP01 N/A DTF Series 16 Recept., DTF, 6 way, black, 90° molded pins, flangeless PCB mount DTF13-6P N/A 16 Recept., DTF, 6 way, black, 90° molded gold pins, flangeless PCB mount DTF13-6P-G003 N/A DTM Series 20 Recept., DTM, 6 way, gray DTM04-6P WM-6P 20 Recept., DTM, 6 way, gray, end cap DTM04-6P-E003 WM-6P 20 Recept., DTM, 6 way, black DTM04-6P-E004 WM-6P 20 Recept., DTM, 6 way, black, end cap DTM04-6P-E005 WM-6P 20 Recept., DTM, 6 way, black, high temp DTM04-6P-EE04 WM-6P 20 Plug, DTM, 6 way, gray DTM06-6S WM-6S 20 Plug, DTM, 6 way, black DTM06-6S-E004 WM-6S |