| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD36-24-23SE-059 bảng dữ liệu(PDF) 41 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD36-24-23SE-059 bảng dữ liệu(HTML) 41 Page - TE Connectivity Ltd |
|
41 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 41 ELECTRICAL CONNECTORS CONTACT SIZE(S) PART DESCRIPTION PART NUMBER WEDGE/ TPA 16 Plug, DT, 8 way, C key, green, enhanced seal ret., end cap DT06-08SC-EP06 W8S-P012 16 Plug, DT, 8 way, C key, green, enhanced seal ret. DT06-08SC-P012 W8S-P012 16 Plug, DT, 8 way, D key, brown DT06-08SD W8S 16 Plug, DT, 8 way, D key, brown, reduced dia. seals DT06-08SD-C015 W8S 16 Plug, DT, 8 way, D key, brown, solid rear grommet DT06-08SD-C017 Included 16 Plug, DT, 8 way, D key, brown, reduced dia. seals, end cap DT06-08SD-CE01 W8S 16 Plug, DT, 8 way, D key, brown, enhanced seal ret., reduced dia. seals, end cap DT06-08SD-CE05 W8S-P012 16 Plug, DT, 8 way, D key, brown, enhanced seal ret., end cap DT06-08SD-EP06 W8S-P012 16 Plug, DT, 8 way, D key, brown, enhanced seal ret. DT06-08SD-P012 W8S-P012 DT13/15 Series 16 Recept., DT13, 8 way, A key, gray, 90° molded pins, PCB mount DT13-08PA N/A 16 Recept., DT13, 8 way, A key, gray, 90° molded gold pins, PCB mount DT13-08PA-G003 N/A 16 Recept., DT13, 8 way, B key, black, 90° molded pins, PCB mount DT13-08PB N/A 16 Recept., DT13, 8 way, B key, black, 90° molded gold pins, PCB mount DT13-08PB-G003 N/A 16 Recept., DT13, 8 way, C key, green, 90° molded pins, PCB mount DT13-08PC N/A 16 Recept., DT13, 8 way, D key, brown, 90° molded pins, PCB mount DT13-08PD N/A 16 Recept., DT15, 8 way, A key, gray, 180° molded pins, PCB mount DT15-08PA N/A 16 Recept., DT15, 8 way, A key, gray, 180° molded gold pins, PCB mount DT15-08PA-G003 N/A 16 Recept., DT15, 8 way, B key, black, 180° molded pins, PCB mount DT15-08PB N/A 16 Recept., DT15, 8 way, B key, black, 180° molded gold pins, PCB mount DT15-08PB-G003 N/A 16 Recept., DT15, 8 way, C key, green, 180° molded pins, PCB mount DT15-08PC N/A 16 Recept., DT15, 8 way, C key, green, 180° molded gold pins, PCB mount DT15-08PC-G003 N/A 16 Recept., DT15, 8 way, D key, brown, 180° molded pins, PCB mount DT15-08PD N/A DTM Series 20 Recept., DTM, 8 way, A key, gray DTM04-08PA WM-8P 20 Recept., DTM, 8 way, A key, gray, end cap DTM04-08PA-E003 WM-8P 20 Recept., DTM, 8 way, A key, black, end cap DTM04-08PA-E005 WM-8P 20 Recept., DTM, 8 way, A key, black, high temp DTM04-08PA-EE04 WM-8P 20 Recept., DTM, 8 way, B key, black DTM04-08PB WM-8P 20 Recept., DTM, 8 way, C key, green DTM04-08PC WM-8P 20 Recept., DTM, 8 way, D key, brown DTM04-08PD WM-8P |